Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM324
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM324 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  LM324 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM324 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM324 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM324 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM324 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM324 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM324 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LM124,LM124A,LM224,LM224A
LM324,LM324A,LM324Y,LM2902,LM2902Q
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS066E-SEPTEMBER 1975-REVISED FEBRUARY1997
www.artschip.com
1
Wide Range of Supply Voltages:
Single Supply…3V to 30V
(LM2902 and LM2902Q 3V to 26V), or Dual Supplies
Low Supply Current Drain Independent of Supply
Voltage …0.8mA Typ
Common-Mode Input Voltage Range Includes Ground
Allowing Direct Sensing Near Ground
Low Input Bias and Offset Parameters:
Input Offset Voltage … 3mV Typ
A Versions… 2 mV Typ
Input Offset Current … 2nA Typ
Input Bias Current … 20nA Typ
A Versions … 15nA Typ
Differential
Input
Voltage
Range
Equal
to
Maximum-Rated Supply Voltage… 32V
(26V for LM2902 and LM2902Q)
Open-Loop Differential Voltage
Amplification … 100V/mV Typ
Internal Frequency Compensation
Description
These devices consist of four independent high-gain
frequency-compensated operational amplifiers that are
designed specifically to operate from a single supply over a
wide range of voltages. Operation from split supplies is also
possible when the difference between the two supplies is 3V
to 30V (for the LM2902 and LM2902Q, 3V to 26V) and Vcc is
at least 1.5V more positive than the input common-mode
voltage. The low supply current drain is independent of the
magnitude of the supply voltage.
Applications include transducer amplifiers, dc amplification
blocks, and all the conventional operational amplifier circuits
that
now
can
be
more
easily
implemented
in
single-supply-voltage systems. For example, the LM124 can
be operated directly from the standard 5-V supply that is used
in digital systems and easily provides the required interface
electronics without requiring additional ±15-V supplies.
The LM2902Q is manufactured to demanding automotive
requirements.
The LM124 and LM124A are characterized for operation over
the full military temperature range of -55℃ to 125℃. The
LM224 and LM224A are characterized for operation from
-25℃ to 85℃. The LM324 and LM324A are characterized
for operation from 0℃ to 70℃. The LM2902 and LM2902Q
are characterized for operation from -40℃ to 125℃.
LM124,LM124A … J OR W PACKAGE
ALL OTHERS … D, DB, N OR PW PACKAGE
(TOP VIEW)
LM124,LM124A …FK PACKAGE
(TOP VIEW)
NC-No internal connection
Symbol (each amplifier)


Similar Part No. - LM324

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM324 PHILIPS-LM324 Datasheet
136Kb / 7P
Low power quad op amps
1995 Nov 27
logo
STMicroelectronics
LM324 STMICROELECTRONICS-LM324 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Jun-1999
logo
Fairchild Semiconductor
LM324 FAIRCHILD-LM324 Datasheet
139Kb / 12P
Quad Operational Amplifier
2002 Rev. 1.0.4
logo
Intersil Corporation
LM324 INTERSIL-LM324 Datasheet
200Kb / 7P
Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
logo
ON Semiconductor
LM324 ONSEMI-LM324 Datasheet
129Kb / 12P
Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
More results

Similar Description - LM324

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM148 TI-LM148_06 Datasheet
399Kb / 12P
QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
Quadruple Operational Amplifiers
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
Quadruple Operational Amplifiers
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 35P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
Quadruple Operational Amplifiers
logo
Unisonic Technologies
LM224 UTC-LM224_15 Datasheet
208Kb / 4P
QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM148 TI1-LM148_16 Datasheet
766Kb / 15P
QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
Quadruple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com