Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86PC1F Datasheet(PDF) 21 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # M48T86PC1F
Description  5.0V PC Real-Time Clock
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

M48T86PC1F Datasheet(HTML) 21 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button M48T86PC1F Datasheet HTML 17Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 18Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 19Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 20Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 21Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 22Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 23Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 24Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 25Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21/29
M48T86
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, as well as the DC and AC
characteristics of the device. The parameters in
the following DC and AC Characteristic tables are
derived from tests performed under the Measure-
ment Conditions listed in the relevant tables. De-
signers should check that the operating conditions
in their projects match the measurement condi-
tions when using the quoted parameters.
Table 10. Operating and AC Measurement Conditions
Note: Output Hi-Z is defined as the point where data is no longer driven.
Figure 14. AC Testing Load Circuit (No IRQ)
Figure 15. AC Testing Load Circuit (with IRQ)
Table 11. Capacitance
Note: 1. Effective capacitance measured with power supply at 5V; sampled only, not 100% tested.
2. At 25°C, f = 1MHz.
3. Outputs deselected.
Parameter
M48T86
Unit
Supply Voltage (VCC)
4.5 to 5.5
V
Ambient Operating Temperature (TA)
0 to 70
°C
Load Capacitance (CL)
100
pF
Input Rise and Fall Times
≤ 5
ns
Input Pulse Voltages
0 to 3
V
Input and Output Timing Ref. Voltages
1.5
V
AI01644
5V
50pF
960Ω
FOR ALL
OUTPUTS
EXCEPT IRQ
510Ω
AI01645
5V
130pF
1.15kΩ
IRQ
Symbol
Parameter(1,2)
Min
Max
Unit
CIN
Input Capacitance
7
pF
CIO(3)
Input / Output Capacitance
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com