Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC876F Datasheet(PDF) 9 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC876F
Description  Eight-digit calculator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC876F Datasheet(HTML) 9 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Back Button SC876F Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 10Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 11Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC876F(文件编号:S&CIC0758)
八位计算器
第 9 页 共 11 页
INTERNAL VOLTAGE LIMITER BONDING OPTION METHOD
1
2
3
4
A
B
C
D
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
4-Nov-2009
Sheet of
File:
E:\规格书\规格图\规格图-0\ZBO\SC876E.DDB Drawn By :
SB
+
SB
+
D
R
OPTION1
OPTION2
[D:LED for constant voltage control
SB:Solar battery]
VCC
SUN1
SUN2
VCC
SUN1
SUN2
(configuration using internal voltage limiter
(configuration using external voltage limiter)
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
24-Dec-2005
Sheet
of
File:
E:\规格书\规格图\规格图-0\ZBO\SC326.ddb
Drawn By :
Vlim(V)
1.89
1.8
1.5
0.189/div.
1.6
3.0
4.0
vsb(v)
VOLTAGE LIMITER CHARACTERISTIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com