Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPBA01B Datasheet(PDF) 13 Page - Generalplus Technology Inc.

Part # GPBA01B
Description  Bus Extender
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPBA01B Datasheet(HTML) 13 Page - Generalplus Technology Inc.

Back Button GPBA01B Datasheet HTML 9Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 10Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 11Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 12Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 13Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 14Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 15Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 16Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 17Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
GPBA01B
© Generalplus Technology Inc.
Proprietary & Confidential
13
MAY 28, 2007
Version: 1.1
7.6.2. Memory Mapping Summary with Configuration 2~7
Mapping Address
Bank Select Value($0000)
Mode
Chip Selection
CFG=2
Asserting CE0 to select last 8KB memory
CFG=4
Bank, with b[4:0] become 11111.
CFG=5
CFG=6
$2000~$3FFF (8K)
CFG=7
1XXXXXXX
CFG=2
Access 32KB Memory with
CE0
1BBBBBBB
CFG=3
Access 4MB Memory with CE0
10XBBBBB
CFG=4
Access 1MB Memory with CE1
11XBBBBB
CFG=4
Access 1MB Memory with CE0
1BBBBBBB
CFG=5
Access 4MB Memory with CE1
100BBBBB
CFG=6
Access 1MB Memory with CE2
101BBBBB
CFG=6
Access 1MB Memory with
CE1
11XBBBBB
CFG=6
Access 1MB Memory with CE0
10BBBBBB
CFG=7
Access 2MB Memory with CE2
$8000~$BFFF
$4000~$7FFF
(32K each bank, mainly
used for memory
extension)
11BBBBBB
CFG=7
Access 2MB Memory with CE1
Note1: “B” is for extender memory bank selection; “KB” means K-byte and “MB” for M-byte.
Note2: “X” means “don’t care” which has no effect on bank selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com