Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1M8823X01-R0T0 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # S1M8823X01-R0T0
Description  INTERGER RF/IF DUAL PLL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1M8823X01-R0T0 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button S1M8823X01-R0T0 Datasheet HTML 9Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 10Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 11Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 12Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 13Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 14Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 15Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 16Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
INTERGER RF/IF DUAL PLL
S1M8821/22/23
13
FUNCTIONAL DESCRIPTION
The Samsung S1M8821/22/23 are dual PLL frequency synthesizer ICs. S1M8821/22/23 combined with external
LPFs and external VCOs form PLL frequency synthesizers. They include serial data control, R counter, N counter,
prescaler, phase detector, charge pump, and etc.
Serial data is moved into 20-bit shift register on the rising edge of the clock. These data enters MSB first. When LE
becomes HIGH, data in the shift register is moved into one of the 4 latches(by the 2-bit control). The divide ratios of
the prescaler and the counters are determined by the data stored in the latches. The external VCO output signal is
divided by the prescaler and the N counter. External reference signal is divided by the R counter. These two signals
are the two input signals to the phase detector. The phase detector drives the charge pump by comparing
frequencies and phases of the above two signals. The charge pump and the external LPF make the control voltage
for the external VCO and finally the VCO generates the appropriate frequency signal.
Serial Data Input Timing
MSB
LSB
N20(R20)
N19(R19)
N10(R10)
N9(R9)
C2
C1
tDS
tCWL
tCWH
tLEW
tDH
DATA
CLOCK
LE
tCLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com