Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI49FCT3805AS Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI49FCT3805AS
Description  3.3V Fast CMOS Buffer/Clock Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3805AS Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI49FCT3805AS Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3805AS Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3805AS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3805AS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3805AS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3805AS Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3805AS Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT3805AS Datasheet HTML 8Page - Pericom Semiconductor Corporation PI49FCT3805AS Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
PS7007B
01/13/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT3805/3806
3.3V Fast CMOS Buffer/Clock Driver
e
d
o
C
g
n
i
r
e
d
r
O
e
p
y
T
e
g
a
k
c
a
P
g
n
it
a
Re
t
o
N
H
5
0
8
3
T
C
F
9
4
I
P
H
6
0
8
3
T
C
F
9
4
I
P
P
O
S
S
li
m
9
0
2
n
i
p
-
0
2
l
ai
rt
s
u
d
n
I
g
n
i
h
c
ti
w
S
o
t
r
e
f
e
R
ci
t
si
r
e
t
c
a
r
a
h
C
d
e
e
p
S
r
o
f
el
b
a
T
s
ci
t
si
r
e
t
c
a
r
a
h
C
e
d
a
r
G
Q
5
0
8
3
T
C
F
9
4
I
P
Q
6
0
8
3
T
C
F
9
4
I
P
P
O
S
Q
li
m
0
5
1
n
i
p
-
0
2
S
5
0
8
3
T
C
F
9
4
I
P
S
6
0
8
3
T
C
F
9
4
I
P
C
I
S
S
li
m
0
0
3
n
i
p
-
0
2
H
A
5
0
8
3
T
C
F
9
4
I
P
H
A
6
0
8
3
T
C
F
9
4
I
P
P
O
S
S
li
m
9
0
2
n
i
p
-
0
2
Q
A
5
0
8
3
T
C
F
9
4
I
P
Q
A
6
0
8
3
T
C
F
9
4
I
P
P
O
S
Q
li
m
0
5
1
n
i
p
-
0
2
S
A
5
0
8
3
T
C
F
9
4
I
P
S
A
6
0
8
3
T
C
F
9
4
I
P
C
I
S
S
li
m
0
0
3
n
i
p
-
0
2
H
B
5
0
8
3
T
C
F
9
4
I
P
H
B
6
0
8
3
T
C
F
9
4
I
P
P
O
S
S
li
m
9
0
2
n
i
p
-
0
2
Q
B
5
0
8
3
T
C
F
9
4
I
P
Q
B
6
0
8
3
T
C
F
9
4
I
P
P
O
S
Q
li
m
0
5
1
n
i
p
-
0
2
S
B
5
0
8
3
T
C
F
9
4
I
P
S
B
6
0
8
3
T
C
F
9
4
I
P
C
I
S
S
li
m
0
0
3
n
i
p
-
0
2
H
C
5
0
8
3
T
C
F
9
4
I
P
H
C
6
0
8
3
T
C
F
9
4
I
P
P
O
S
S
li
m
9
0
2
n
i
p
-
0
2
Q
C
5
0
8
3
T
C
F
9
4
I
P
Q
C
6
0
8
3
T
C
F
9
4
I
P
P
O
S
Q
li
m
0
5
1
n
i
p
-
0
2
S
C
5
0
8
3
T
C
F
9
4
I
P
S
C
6
0
8
3
T
C
F
9
4
I
P
C
I
S
S
li
m
0
0
3
n
i
p
-
0
2
OrderingInformation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com