Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGS821 Datasheet(PDF) 2 Page - Figaro Engineering Inc.

Part # TGS821
Description  Special Sensor for Hydrogen Gas
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIGARO [Figaro Engineering Inc.]
Direct Link  https://www.figaro.co.jp/en/
Logo FIGARO - Figaro Engineering Inc.

TGS821 Datasheet(HTML) 2 Page - Figaro Engineering Inc.

  TGS821 Datasheet HTML 1Page - Figaro Engineering Inc. TGS821 Datasheet HTML 2Page - Figaro Engineering Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
m
e
t
I
l
o
b
m
y
S
n
o
i
t
i
d
n
o
C
n
o
i
t
a
c
i
f
i
c
e
p
S
e
c
n
a
t
s
i
s
e
R
r
o
s
n
e
S
s
Rn
e
g
o
r
d
y
Hr
i
a
/
m
p
p
0
0
1
t
ak
1
Ω 1
~0k
Ω
f
o
o
i
t
a
R
e
g
n
a
h
C
e
c
n
a
t
s
i
s
e
R
r
o
s
n
e
S
o
R
/
s
R
H
(
s
R
[
g
o
L
2
H
(
s
R
/
)
m
p
p
0
0
1
2
]
)
m
p
p
0
0
0
1
)
m
p
p
0
0
1
/
m
p
p
0
0
0
1
(
g
o
L
.
00
2
.
1
~
0
6
e
c
n
a
t
s
i
s
e
R
r
e
t
a
e
H
RH
e
r
u
t
a
r
e
p
m
e
t
m
o
o
R
38 0
.
± 0
.
3
Ω
r
e
w
o
P
r
e
t
a
e
H
n
o
i
t
p
m
u
s
n
o
C
PH
VH
V
0
.
5
=)
l
a
c
i
p
y
t
(
W
m
0
6
6
Structure and Dimensions:
1 Sensing Element:
SnO2 is sintered to form a thick film on
the surface of an alumina ceramic tube
which contains an internal heater.
2 Sensor Base:
Alumina ceramic
3 Flame Arrestor:
100 mesh SUS 316 double gauze
m
e
t
I
l
o
b
m
y
S
s
e
u
l
a
V
d
e
t
a
R
s
k
r
a
m
e
R
e
g
a
t
l
o
V
r
e
t
a
e
H
VH
0
.
5
±
V
2
.
0C
D
r
o
C
A
e
g
a
t
l
o
V
t
i
u
c
r
i
C
VC
V
4
2
.
x
a
M
y
l
n
o
C
D
s
P
≤
W
m
5
1
e
c
n
a
t
s
i
s
e
R
d
a
o
L
RL
e
l
b
a
i
r
a
Vk
5
4
.
0
Ω
.
n
i
m
Standard Circuit Conditions:
Pin Connection and Basic Measuring Circuit:
The numbers shown around the sensor symbol in the circuit diagram at the right
correspond with the pin numbers shown in the sensor's structure drawing (
above).
When the sensor is connected as shown in the basic circuit, output across the Load
Resistor (VRL) increases as the sensor's resistance (Rs) decreases, depending on
gas concentration.
Sensor Resistance (Rs) is calculated by
the following formula:
Power dissipation across sensor electrodes (Ps)
is calculated by the following formula:
Standard Test Conditions:
TGS 821 complies with the above electrical characteristics
when the sensor is tested in standard conditions as specified
below:
Test Gas Conditions:
20
°±2°C, 65±5%R.H.
Circuit Conditions:
VC = 10.0
±0.1V (AC or DC),
VH = 5.0
±0.05V (AC or DC),
RL = 4.0k
Ω±1%
Preheating period before testing: More than 7 days
Electrical Characteristics:
Basic Measuring Circuit:
REV: 10/04
Rs = (
-1) x RL
VC
VRL
Ps =
VC2 x Rs
(Rs + RL)2
um : mm
19.5
± 0.5
1.0
± 0.05
13.5
+ 0.3
- 0.2
9.5
± 0.3
6
3
4
2
5
1
FIGARO ENGINEERING INC.
1-5-11 Senba-nishi
Mino, Osaka 562-8505
JAPAN
Phone:
(81)-72-728-2561
Fax:
(81)-72-728-0467
email: figaro@figaro.co.jp



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com