Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1118 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1118
Description  1A (Sink & Source) Low Dropout, Low Quiescent Current Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1118 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1118 Datasheet HTML 1Page - Semtech Corporation SC1118 Datasheet HTML 2Page - Semtech Corporation SC1118 Datasheet HTML 3Page - Semtech Corporation SC1118 Datasheet HTML 4Page - Semtech Corporation SC1118 Datasheet HTML 5Page - Semtech Corporation SC1118 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1118
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
y
l
p
p
u
SV
N
I
7
1V
n
o
it
a
p
i
s
s
i
D
r
e
w
o
PP
D
d
e
ti
m
i
L
y
ll
a
n
r
e
t
n
IW
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
3
2
2
-
T
O
S
8
-
O
S
θ
C
J
6
1
9
3
W
/
C
°
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
3
2
2
-
T
O
S
8
-
O
S
θ
A
J
7
5
3
6
1
W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OT
A
5
8
+
o
t
0C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
JT
J
0
5
1
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
.
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
EV
D
S
E
2V
k
Unless otherwise specified: T
A = 25°C, VIN = VEN = 5V (2.5V, 2.85V and adjustable options, adjustable option set to 2V out), VIN = VEN = 7V (5V option),
I
OUT = 0mA, CIN = COUT = 1µF. Values in bold apply over operating temperature range: 0 ≤ TJ = TA ≤ 85°C.
Absolute Maximum Ratings
Electrical Characteristics
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
n
a
R
e
g
a
tl
o
V
y
l
p
p
u
SV
N
I
V
)
n
i
m
(
N
I
)
2
(
5
1
V
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
QI
Q
V
N
E
V
5
=2
5
A
m
V
N
E
V
0
=0
0
1
0
5
2
A
µ
e
g
a
tl
o
V
t
u
p
t
u
O
)
1
(
s
n
o
it
p
o
t
u
p
t
u
o
d
e
x
i
F
V
T
U
O
%
1
-V
T
U
O
%
1
+V
A
1
-
≤ I
T
U
O
≤
V
,
A
1
N
I
V
=
)
N
I
M
(
N
I
)
2
(
V
5
1
o
t
%
2
-%
2
+
e
g
a
tl
o
V
k
c
a
b
d
e
e
F
)
5
(
)
1
(
n
o
it
p
o
t
u
p
t
u
o
e
l
b
a
t
s
u
j
d
A
V
B
F
9
9
.
00
0
.
11
0
.
1V
A
1
-
≤ I
T
U
O
≤
V
,
A
1
N
I
V
5
1
o
t
V
7
.
3
=
8
9
.
02
0
.
1
t
n
e
r
r
u
C
s
a
i
B
k
c
a
b
d
e
e
FI
B
F
V
O
V
=
B
F
6
1
5
2
A
µ
n
o
it
a
l
u
g
e
R
e
n
i
L
)
5
(
)
1
(
G
E
R
)
E
N
I
L
(
V
:
V
5
8
.
2
,
V
5
.
2
,
J
D
A
N
I
V
=
)
N
I
M
(
N
I
)
2
(
V
5
1
o
t
8
V
m
V
:
V
5
N
I
V
5
1
o
t
V
5
.
6
=
0
1
n
o
it
a
l
u
g
e
R
d
a
o
L
)
5
(
)
1
(
V
5
8
.
2
,
V
5
.
2
,
J
D
A
V
5
G
E
R
)
D
A
O
L
(
I
T
U
O
A
1
o
t
A
0
r
o
A
0
o
t
A
1
-
=
0
1
0
2
V
m
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com