Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC573EVB Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC573EVB
Description  300mA Low-Noise LDO Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC573EVB Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC573EVB Datasheet HTML 9Page - Semtech Corporation SC573EVB Datasheet HTML 10Page - Semtech Corporation SC573EVB Datasheet HTML 11Page - Semtech Corporation SC573EVB Datasheet HTML 12Page - Semtech Corporation SC573EVB Datasheet HTML 13Page - Semtech Corporation SC573EVB Datasheet HTML 14Page - Semtech Corporation SC573EVB Datasheet HTML 15Page - Semtech Corporation SC573EVB Datasheet HTML 16Page - Semtech Corporation SC573EVB Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
SC573
13
Final Rev2.1
Applications Information (continued)
Under-Voltage Lockout
The Under-Voltage Lockout (UVLO) circuit protects the
device from operating in an unknown state if the input
voltage supply is too low.
When either VIN drops below the UVLO threshold, as
defined in the Electrical Characteristics section, the LDO
is disabled. The LDO is re-enabled when VIN is increased
above the hysteresis level. When powering up with VIN
below the UVLO threshold, the LDO remains disabled.
Over-Temperature Protection
An internal Over-Temperature (OT) protection circuit
monitors the internal junction temperature. When the
temperature exceeds the OT threshold as defined in the
Electrical Characteristics section, the OT protection dis-
ables the corresponding LDO output. When the
temperature drops below its hysteresis value, the LDO
output will resume.
Short-Circuit Protection
The output has short-circuit protection with peak current
limit and fold back current limit. If the output current
exceeds the peak current limit, the output voltage will
drop and the output current will be limited to its fold
back current limit value. See the waveforms in the typical
operation section. If the short circuit is removed or the
load current reduces to below the fold back current limit,
the LDO output will rise back into regulation.
Component Selection
SC573 is designed to minimize the PCB solution area.
The recommended input and output capacitors are 1μF
with 0402 package, part number GRM155R61A105kE15.
Although there is no maximum value of output capacitor
specified, very large values may increase the rise time of
the output voltages without affecting stability. It is
recommended that the value of output capacitance be
restricted to a maximum of 10μF. Ceramic capacitors of
type X5R or X7R should be used because of their low ESR
and stable temperature coefficients. Tantalum capacitors
and Y5V capacitors are not recommended.
Thermal Considerations
Although SC573 can provide 300mA of output current,
the maximum power dissipation in the device is restricted
by the miniature package size. The graph in Figure 2 can
be used as a first-order guideline to determine whether
the input voltage, output voltage, output current, and
ambient temperature of the system result in power
dissipation within operating limits.
Figure 2: Maximum P
D vs. TA
The following procedure can be followed to determine if
the thermal design of the system is adequate. The junc-
tion temperature of the SC573 can be determined in
known operating conditions using the following
equation:
T
J = TA +(PD x θJA)
where
T
J = Junction Temperature (°C)
T
A = Ambient Temperature (°C)
θJA = Thermal Resistance Junction to Ambient (°C/W)
P
D = Power Dissipation (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com