Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1592MSTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1592MSTRT
Description  Low Dropout High Performance Adjustable Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1592MSTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1592MSTRT Datasheet HTML 4Page - Semtech Corporation SC1592MSTRT Datasheet HTML 5Page - Semtech Corporation SC1592MSTRT Datasheet HTML 6Page - Semtech Corporation SC1592MSTRT Datasheet HTML 7Page - Semtech Corporation SC1592MSTRT Datasheet HTML 8Page - Semtech Corporation SC1592MSTRT Datasheet HTML 9Page - Semtech Corporation SC1592MSTRT Datasheet HTML 10Page - Semtech Corporation SC1592MSTRT Datasheet HTML 11Page - Semtech Corporation SC1592MSTRT Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SC1592M
Rev 2.1
9
Typical Characteristics (Cont.)
Output Voltage vs Temperature
Enable Threshold vs Temperature
Control Current vs Temperature (In Regulation)
Control Current vs Temperature (In Shutdown)
Droput Voltage vs Temperature (VCNTL - VOUT)
Droput Voltage vs Temperature (VIN - VOUT)
1.5
1.55
1.6
1.65
1.7
1.75
1.8
1.85
1.9
1.95
2
-55
-35
-15
5
25
45
65
85
105
125
Ambient Temperature [°C]
VCNTL = 3.3V
VIN = 2.5V
IOUT = 10mA
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-55
-35
-15
5
25
45
65
85
105
125
Ambient Temperature [°C]
VCNTL = 3.3V
VIN = 2.5V
VOUT = 1.8V
IOUT = 10mA
1
10
100
-55
-35
-15
5
25
45
65
85
105
125
Ambient Temperature [°C]
VCNTL = 3.3V
VIN = 2.5V
IOUT = 3A
IOUT = 2A
IOUT = 1A
1
10
100
1000
10000
-55
-35
-15
5
25
45
65
85
105
125
Ambient Temperature [°C]
VCNTL = 3.3V
VIN = 2.5V
VEN = 0V
500
600
700
800
900
1000
1100
1200
1300
1400
1500
-55
-35
-15
5
25
45
65
85
105
125
Ambient Temperature [°C]
INITIAL VCNTL = 3.3V
VIN = 2.5V
VOUT = 1.8V
IOUT = 3A
0
50
100
150
200
250
300
350
400
450
500
-55
-35
-15
5
25
45
65
85
105
125
Ambient Temperature [°C]
VCNTL = 3.3V
INITIAL VIN = 2.5V
VOUT = 1.8V
IOUT = 3A
IOUT = 2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com