Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3203SETRC Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC3203SETRC
Description  3A EcoSpeed짰 Step-Down Regulator with Power Save
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3203SETRC Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC3203SETRC Datasheet HTML 9Page - Semtech Corporation SC3203SETRC Datasheet HTML 10Page - Semtech Corporation SC3203SETRC Datasheet HTML 11Page - Semtech Corporation SC3203SETRC Datasheet HTML 12Page - Semtech Corporation SC3203SETRC Datasheet HTML 13Page - Semtech Corporation SC3203SETRC Datasheet HTML 14Page - Semtech Corporation SC3203SETRC Datasheet HTML 15Page - Semtech Corporation SC3203SETRC Datasheet HTML 16Page - Semtech Corporation SC3203SETRC Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SC3203
13
Applications Information (continued)
The output voltage is approximated by the following
equation:
Note that the Adaptive On-time control regulates the
valley of the FB ripple voltage, not the DC value. In
practice the DC value of FB and V
OUT can be slightly
higher than the value predicted by DC equations; this is
easily corrected by reducing the value of R
TOP slightly. For
recommended values of the FB components for different
VOUTs, see the Table in the Detailed Application Circuit.
Continuous Mode Operation
The SC3203 operates in CCM (Continuous Conduction
Mode) when the load current exceeds 50% of the induc-
tor ripple current (Figure 3). In this mode one of the
power mosfets is always on, with no intentional dead
time other than to avoid cross-conduction. This mode of
operation results in typically 500kHz operation.
FB Ripple
Voltage (VFB)
FB threshold
LX
Inductor
Current
DC Load Current
LX on-tim e is triggered when VFB
reaches the FB Threshold.
(750m V)
O n-tim e
(TON)
LX drives to PG ND when on-tim e is com pleted.
LX rem ains low (PG ND) until VFB falls to the FB threshold.
Figure 3 — Continuous Mode Operation
Power-save Operation
At light loads the SC3203 enters power-save mode to
improve efficiency. During the low-side on-time, the
internal zero-cross comparator monitors inductor current
via the LX voltage across the low-side mosfet. If the
inductor current falls to zero for 8 consecutive switching
cycles, the controller enters power-save (PSave) mode.
In PSave mode, after the high-side on-time has completed
and the low-side mosfet is on, the low-side is turned off
when the inductor current reaches zero. At this time both
mosfets remain off until V
FB drops to the 750mV threshold.
While the mosfets are off, the load is supplied by the
output capacitor. Figure 4 shows power-save operation
at light loads.
FB Ripple
Voltage
(VFB)
FB threshold
LX
Inductor
Current
Zero (0A)
LX on-tim e is triggered when
VFB reaches the FB Threshold.
(750m V)
O n-tim e (TON)
LX drives to PG ND when
on-tim e is com pleted.
Dead tim e varies
according to load
LX tri-states when inductor
current reaches zero.
LX ringing
(parasitic LC)
LX = VOUT
Figure 4 — Power-save Operation
While operating in power-save mode, after each high-side
on-time, the low-side turns on for at least the minimum
260nsec off-time. After this, if the inductor current has
not reached zero and the FB pin falls below the FB thresh-
old, power-save operation is terminated. The controller
immediately generates a high-side on-time and returns
to Continuous Mode Operation, resulting in a rapid
response to large step load increases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com