Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT40DL/830/RS Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # FT40DL/830/RS
Description  40 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

FT40DL/830/RS Datasheet(HTML) 1 Page - Satco Products, Inc.

  FT40DL/830/RS Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S6766
FT40DL/830/RS
40 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11
base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
S6766
Item Number
UPC
Voltage
Watts
Lamp Shape
Base
ANSI Base
Lamp Code
S6766
046135205842
120
40
T5
2G11
2G11
FT40DL/830/RS
MOL In Inches
Initial Lumens
Average Rated Hours
Kelvin Temp
Color
Pack
Package Type
CRI
22.5''
3150
20000
3000
Warm White
10
Box
82
CEC Status
RoHS Compliant
UL or ETL Listed
Warranty
Lawful for sale in California
Yes
Yes
2 Year Limited


Similar Part No. - FT40DL/830/RS

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
FT40DL/835/RS SATCO-FT40DL/835/RS Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
More results

Similar Description - FT40DL/830/RS

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S2964 SATCO-S2964 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S2967 SATCO-S2967 Datasheet
122Kb / 1P
50 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S6757 SATCO-S6757 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S6760 SATCO-S6760 Datasheet
122Kb / 1P
24 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S6767 SATCO-S6767 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S6769 SATCO-S6769 Datasheet
122Kb / 1P
55 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S8657 SATCO-S8657 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S8663 SATCO-S8663 Datasheet
122Kb / 1P
36 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S8666 SATCO-S8666 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S8667 SATCO-S8667 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com