Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MCS2
Description  PHOTON COUPLED ISOLATOR Ga As INFRARED EMITTING DIODE AND LIGHT ACTIVATED SCR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCS2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MCS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
0.5
1
1.5
2
2.5
3
Forward voltage V
F ( V )
Input Current to Trigger vs.
Ambient Temperature
1
2
4 6 10 20 40 60 100 200 400 1000
Pulse width (
µs )
Input Characteristics I
F vs. VF
0 10 20 30 40 50 60 70 80 90 100
Input current I
F (mA)
Turn on Time vs. Input Current
0.1
0.1
0.2
Anode to cathode voltage V
AK ( V )
Input Current to Trigger vs.
Anode to Cathode Voltage
0.1
0.2
1
5
10
50 100 200
0.4
1.0
2
4
10
20
40
100
Normalized to
V
AK = 50V
R
GK =10kΩ
T
A = 25 °C
R
GK =300Ω
10k
Ω
27k
Ω
56k
Ω
1k
Ω
R
GK =300Ω
10k
Ω
27k
Ω
56k
Ω
1k
Ω
Normalized to V
AK = 50V,
R
GK =10kΩ, TA = 25 °C
-60 -40 -20
0
20 40 60
80 100 120
Ambient temperature T
A ( °C )
0.1
0.2
0.4
1.0
2
4
10
12
Input Current to Trigger Distribution
vs. Ambient Temperature
Ambient temperature T
A ( °C )
-40 -20
0
20 40 60
80 100
Normalized to
V
AK = 50V
R
GK =10kΩ
T
A = 25 °C
90th percentile
10th percentile
Input Current to Trigger vs.
Pulse Width
Normalized to
V
AK = 50V
R
GK =10kΩ
T
A = 25 °C
R
GK =300Ω
1k
Ω
10k
Ω
27k
Ω
56k
Ω
0.2
0.4
1
2
4
10
20
40
100
0.1
0.4
1
2
4
10
4
6
8
10
12
14
0
16
18
20
22
24
2
V
AK = 50V
t
on = td + tr
t
r = 1µs
R
GK=1kΩ
10k
Ω
56k
Ω
0.2
0.4
1
2
4
10
20
40
100
100°C
-55°C
25°C
13/11/97
DB92283-AAS/A3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com