Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF9478P Datasheet(PDF) 2 Page - Anachip Corp

Part # AF9478P
Description  P-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF9478P Datasheet(HTML) 2 Page - Anachip Corp

  AF9478P Datasheet HTML 1Page - Anachip Corp AF9478P Datasheet HTML 2Page - Anachip Corp AF9478P Datasheet HTML 3Page - Anachip Corp AF9478P Datasheet HTML 4Page - Anachip Corp AF9478P Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AF9478P
P-Channel Enhancement Mode Power MOSFET
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Sep 6, 2005
2/5
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-60
V
VGS
Gate-Source Voltage
±25
V
TC=25ºC
-10
ID
Continuous Drain Current, VGS=10V
TC=100ºC
-6
A
IDM
Pulsed Drain Current (Note 1)
45
A
Total Power Dissipation
TC=25ºC
28
W
PD
Linear Derating Factor
0.23
W/ºC
TSTG
Storage Temperature Range
-55 to 150
ºC
TJ
Operating Junction Temperature Range
-55 to 150
ºC
Thermal Data
Symbol
Parameter
Maximum
Units
RθJC
Thermal Resistance Junction-Case
Max.
4.5
ºC/W
RθJA
Thermal Resistance Junction- Ambient
Max.
110
ºC/W
Electrical Characteristics (T
J=25ºC unless otherwise noted)
Limits
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage VGS=0V, ID=-250uA
-60
-
-
V
∆BVDSS/∆TJ
Breakdown Voltage Temperature
Coefficient
Reference to 25ºC,
ID=-1mA
-
-0.06
-
V/ºC
VGS=-10V, ID=-5A
-
-
160
RDS(ON)
Static Drain-Source
On-Resistance (Note 2)
VGS=-4.5V, ID=-3A
-
-
200
mΩ
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID=-250uA
-1
-
-3
V
gfs
Forward Transconductance
VDS=-10V, ID=-5A
-
6
-
S
Drain-Source Leakage
Current(TJ=25ºC)
VDS=-60V, VGS=0V
-
-
-10
IDSS
Drain-Source Leakage
Current(TJ=150ºC)
VDS=-48V, VGS=0V
-
-
-25
uA
IGSS
Gate Source Leakage
VGS=±25V
-
-
±100
nA
Qg
Total Gate Charge (Note 2)
-
10
16
Qgs
Gate-Source Charge
-
2
-
Qgd
Gate-Drain (“Miller”) Charge
ID=-5A
VDS=-48V
VGS=-4.5V
-
4
-
nC
td(on)
Turn-On Delay Time (Note 2)
-
10
-
tr
Rise Time
-
13
-
td(off)
Turn-Off Delay Time
-
34
-
tf
Fall-Time
VDS=-30V
ID=-5A
RG=3.3Ω, VGS=-10V
RD=6Ω
-
29
-
nS
Ciss
Input Capacitance
-
760
1220
Coss
Output Capacitance
-
80
-
Crss
Reverse Transfer Capacitance
VGS=0V
VDS=-25V,
f=1.0MHz
-
60
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VSD
Forward On Voltage (Note 2)
IS=-5A, VGS=0V
-
-
-1.2
V
trr
Reverse Recovery Time (Note 2)
-
45
-
ns
Qrr
Reverse Recovery Charge
IS=-5A, VGS=0V,
Dl/dt=-100A/µs
-
107
-
nC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com