Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4B Datasheet(PDF) 4 Page - MKS Instruments.

Part # P4B
Description  Multi-gas/Multi-range Mass Flow Contro ller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

P4B Datasheet(HTML) 4 Page - MKS Instruments.

  P4B Datasheet HTML 1Page - MKS Instruments. P4B Datasheet HTML 2Page - MKS Instruments. P4B Datasheet HTML 3Page - MKS Instruments. P4B Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P4B - 1/18
© 2012-2018 MKS Instruments, Inc.
All rights reserved.
MKS products provided subject to the US Export Regulations. Diversion or transfer contrary to US law is prohibited.
Specifications are subject to change without notice. mksinst™ is a trademark of MKS Instruments, Inc., Andover, MA.
Swagelok® and VCR® are registered trademarks of Swagelok Marketing Co., Solon, OH. Inconel® and Incoloy® are registered
trademarks of Inco Alloys, Huntington, WV. Teflon® is a registered trademark of E.I. Dupont, Wilmington, DE. DeviceNet™ is a
trademark of the Open DeviceNet Vendor Association, Coral Springs, FL.
6
0
013
T
30
502
C
P4B
* The Full Scale flow rate is designated by a 3 digit number. The first two digits represent the significant digits of the Full Scale flow rate
separated by a decimal point. The third digit is the exponent of the power of ten.
Example flow rate code:
254 is 2.5 x 104 or 25000 sccm
153 is 1.5 x 103 or 1500 sccm
601 is 6.0 x 101 or 60 sccm
Ordering Information
Ordering Code Example: P4B013502C6T030
Code
Configuration
MFC Mass Flow Controller (multigas, multi-range) P4B
P4B
Gas (Per Semi Standard E52-0703)
For example:
013 = Nitrogen = N
2
013
029 = Ammonia = NH
3
029
110 = Sulfur Hexafluoride = SF
6
110
Flow Range Full Scale*
5 sccm
500
10 sccm
101
20 sccm
201
50 sccm
501
100 sccm
102
200 sccm
202
500 sccm
502
1000 sccm
103
2000 sccm
203
5000 sccm
503
10000 sccm
104
20000 sccm
204
30000 sccm
304
50000 sccm
504
Fittings (compatible with)
Swagelok 4 VCR
R
C-seal (1.125”)
C
W-seal (1.125”)
H
Connector
DeviceNet
6
RS485 (uses 9 pin connector)
5
15 pin D (Analog I/O)
B
9 pin D (Analog I/O)
A
Valve
Normally Closed, Teflon®:: (10 sccm - 50 slm N
2 equivalent)
T
Normally Open, Teflon: (10 sccm to 50 slm N
2 equivalent)
P
No Valve (MFM)
0
Reserved for MKS Future Use
Standard
0
Firmware
Unless otherwise specified, MKS will ship firmware revision
30
current to date
MKS Instruments, Inc.
Global Headquarters
2 Tech Drive, Suite 201
Andover, MA 01810
Tel:
978.645.5500
Tel:
800.227.8766 (in U.S.A.)
Web: www.mksinst.com
MKS Instruments, Inc.
Flow Solutions
Six Shattuck Road
Andover, MA 01810
Tel:
978.975.2350



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com