Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9B Datasheet(PDF) 2 Page - MKS Instruments.

Part # P9B
Description  Pressure Insensitive, Multi-gas/Multi-range Mass Flow Contro ller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

P9B Datasheet(HTML) 2 Page - MKS Instruments.

  P9B Datasheet HTML 1Page - MKS Instruments. P9B Datasheet HTML 2Page - MKS Instruments. P9B Datasheet HTML 3Page - MKS Instruments. P9B Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Performance
Full Scale Flow Ranges (N
2 equivalent)
5 - 50000 sccm
(consult factory for available flow ranges)
Maximum Inlet Pressure
150 psig
(cannot exceed pressure differential requirement across MFC)
normal Operating Pressure differential (N
2 F.S.)
10to5000sccm;10to40psid
(with atmospheric pressure at the MFC outlet)
10000to20000sccm;15to40psid
30000to50000sccm;25to40psid
Proof Pressure
1000 psig
Burst Pressure
1500 psig
Control Range
2% to 100% of F.S. (range on mech.)
Typical accuracy
± 1% of set point for 20 to 100% F.S.
± 0.2% of F.S. for 2 to 20% F.S.
Repeatability
± 0.3% of Reading
Resolution
0.1% of Full Scale
Temperature Coefficients
Zero
< 0.05% of F.S./°C
Span
< 0.08% of Rdg./°C
Inlet Pressure Coefficient
< 0.02% of Rdg./psi
Typical Controller Settling Time
< 750 msec., typical above 5% F.S.
(per SEMI Guideline E-17-0600)
warm-up Time
< 30 min
(to within 0.2% of F.S. of steady state performance)
Operating Temperature Range (ambient)
10°C to 50°C
Storage Humidity
0 to 95% relative humidity, non-condensing
Storage Temperature
-20° to 80°C (-4° to 149° F)
Pressure display
0 to 100 psia
Pressure Readout Units
psia, kPA
Pressure accuracy
1% F.S.
Pressure Resolution
0.1 psia
Temperature display
0 to 100°C
Temperature Readout Units
°C
Temperature accuracy
± 2°C
Temperature Resolution
0.1°C
attitude Insensitivity
0.25% of FS for indicated zero, span and actual span
Pressure Transient (Inlet/Outlet Pressure Sensitivity)
±5% of set point from 20 to 100% of FS when subject to a 2 psi inlet
pressure transient
Mechanical
Fittings (compatible with)
Swagelok® 4 VCR®, 1-1/8” surface mount (C-seal, W-seal), 1½” W-seal
display
4 digits for value, 4 characters for unit
leak Integrity
External (scc/sec He)
< 1 x 10-10
Through closed valve
< 1.0% of F.S. at 25 psig inlet to atmosphere (range on mech.)
(To assure no flow-through, a separate positive shut-off valve is required.)
wetted Materials
Standard
316L S.S. VAR (equivalent to 316 S.S. SCQ for semiconductor quality),
316 S.S., Elgiloy, KM-45
Valve Seat
PTFE (Teflon)
Surface Finish
10µ inch average Ra
weight
less than 3 lbs (1.4kg)
Electrical analog I/O
Input Power Required
+15 to +24 VDC @ 350mA max
Flow Input/Output Signal
0 to 5 VDC
Output Impedance
< 1
Ω
Connector
15-pin Type “D” Male, 9 pin Type “D” Male
Compliance
CE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com