Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT40DL/835/RS Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # FT40DL/835/RS
Description  40 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

FT40DL/835/RS Datasheet(HTML) 1 Page - Satco Products, Inc.

  FT40DL/835/RS Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S6767
FT40DL/835/RS
40 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11
base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
S6767
Item Number
UPC
Voltage
Watts
Lamp Shape
Base
ANSI Base
Lamp Code
S6767
046135205859
120
40
T5
2G11
2G11
FT40DL/835/RS
MOL In Inches
Initial Lumens
Average Rated Hours
Kelvin Temp
Color
Pack
Package Type
CRI
22.5''
3150
20000
3500
Neutral White
10
Box
82
CEC Status
RoHS Compliant
UL or ETL Listed
Warranty
Lawful for sale in California
Yes
Yes
2 Year Limited


Similar Part No. - FT40DL/835/RS

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
FT40DL/830/RS SATCO-FT40DL/830/RS Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
More results

Similar Description - FT40DL/835/RS

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S2965 SATCO-S2965 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S6758 SATCO-S6758 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S6764 SATCO-S6764 Datasheet
122Kb / 1P
36 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S6766 SATCO-S6766 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S6770 SATCO-S6770 Datasheet
122Kb / 1P
55 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S8658 SATCO-S8658 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S8661 SATCO-S8661 Datasheet
122Kb / 1P
24 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S8664 SATCO-S8664 Datasheet
122Kb / 1P
36 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S8667 SATCO-S8667 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S8670 SATCO-S8670 Datasheet
122Kb / 1P
55 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com