Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF18DF/841 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # CF18DF/841
Description  18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G10 base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

CF18DF/841 Datasheet(HTML) 1 Page - Satco Products, Inc.

  CF18DF/841 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PDF was successfully created - CLICK LINK TO DOWNLOAD =>http://www.satco.com/media/PDF/satco_product_2008.pdf
S6773
CF18DF/841
18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G10
base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
This product has been discontinued
S6773
Item Number
UPC
Voltage
Watts
Lamp Shape
Base
ANSI Base
Lamp Code
S6773
046135205521
120
18
T5
2G10
2G10
CF18DF/841
MOL In Inches
Initial Lumens
Average Rated Hours
Kelvin Temp
Color
Pack
Package Type
CRI
4.8''
1100
10000
4100
Cool White
10
Box
82
RoHS Compliant
UL or ETL Listed
Warranty
Status
Yes
Yes
2 Year Limited
Discontinued


Similar Part No. - CF18DF/841

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
CF18DD/827 SATCO-CF18DD/827 Datasheet
123Kb / 1P
18 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G24d-2 base
CF18DD/830 SATCO-CF18DD/830 Datasheet
123Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; G24d-2 base
CF18DD/835 SATCO-CF18DD/835 Datasheet
123Kb / 1P
18 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G24d-2 base
CF18DD/841 SATCO-CF18DD/841 Datasheet
123Kb / 1P
18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; G24d-2 base
CF18DD/E/827 SATCO-CF18DD/E/827 Datasheet
123Kb / 1P
18 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G24Q-2 (4-Pin) base
More results

Similar Description - CF18DF/841

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S2966 SATCO-S2966 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S6414 SATCO-S6414 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7 base
S6701 SATCO-S6701 Datasheet
124Kb / 1P
5 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; G23 base
S6712 SATCO-S6712 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; GX23 base
S6724 SATCO-S6724 Datasheet
123Kb / 1P
18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; G24d-2 base
S6759 SATCO-S6759 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S6775 SATCO-S6775 Datasheet
125Kb / 1P
24 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G10 base
S8659 SATCO-S8659 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S8668 SATCO-S8668 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S8671 SATCO-S8671 Datasheet
122Kb / 1P
55 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com