Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF24DF/841 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # CF24DF/841
Description  24 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G10 base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

CF24DF/841 Datasheet(HTML) 1 Page - Satco Products, Inc.

  CF24DF/841 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S6775
CF24DF/841
24 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G10
base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
This product has been discontinued
S6775
Item Number
UPC
Voltage
Watts
Lamp Shape
Base
ANSI Base
Lamp Code
S6775
046135205583
120
24
T5
2G10
2G10
CF24DF/841
MOL In Inches
Initial Lumens
Average Rated Hours
Kelvin Temp
Color
Pack
Package Type
CRI
6.7''
1700
10000
4100
Cool White
10
Box
82
RoHS Compliant
UL or ETL Listed
Status
Yes
Yes
Discontinued


Similar Part No. - CF24DF/841

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
CF2 JAE-CF2 Datasheet
326Kb / 8P
FREQUENCY RANGE TO 6GHz
logo
List of Unclassifed Man...
CF2-0816-0805-1000A ETC2-CF2-0816-0805-1000A Datasheet
157Kb / 2P
HIGH EFFICIENCY - LOW VOLUME - HIGH POWER - LOW WEIGHT
CF2-0816-0805-1500A ETC2-CF2-0816-0805-1500A Datasheet
157Kb / 2P
HIGH EFFICIENCY - LOW VOLUME - HIGH POWER - LOW WEIGHT
logo
Nais(Matsushita Electri...
CF2-12 NAIS-CF2-12 Datasheet
48Kb / 3P
NEW DUAL POWER AUTOMOTIVE RELAY
logo
Panasonic Battery Group
CF2-12V PANASONICBATTERY-CF2-12V Datasheet
106Kb / 3P
TWIN POWER AUTOMOTIVE RELAY
More results

Similar Description - CF24DF/841

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S6414 SATCO-S6414 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7 base
S6701 SATCO-S6701 Datasheet
124Kb / 1P
5 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; G23 base
S6712 SATCO-S6712 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; GX23 base
S6762 SATCO-S6762 Datasheet
122Kb / 1P
24 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S6773 SATCO-S6773 Datasheet
126Kb / 1P
18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G10 base
S8365 SATCO-S8365 Datasheet
122Kb / 1P
9 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7 base
S8662 SATCO-S8662 Datasheet
122Kb / 1P
24 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S8665 SATCO-S8665 Datasheet
122Kb / 1P
36 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S8668 SATCO-S8668 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S8671 SATCO-S8671 Datasheet
122Kb / 1P
55 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com