Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-D2WD Datasheet(PDF) 4 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-D2WD
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-D2WD Datasheet(HTML) 4 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

  ESP32-D2WD Datasheet HTML 1Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D2WD Datasheet HTML 2Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D2WD Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D2WD Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D2WD Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D2WD Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D2WD Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D2WD Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D2WD Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
3.6.4 Bluetooth Link Controller
20
3.7
RTC and Low-Power Management
21
4 Peripherals and Sensors
23
4.1
Descriptions of Peripherals and Sensors
23
4.1.1 General Purpose Input / Output Interface (GPIO)
23
4.1.2 Analog-to-Digital Converter (ADC)
23
4.1.3 Hall Sensor
24
4.1.4 Digital-to-Analog Converter (DAC)
24
4.1.5 Touch Sensor
24
4.1.6 Ultra-Low-Power Co-processor
24
4.1.7 Ethernet MAC Interface
24
4.1.8 SD/SDIO/MMC Host Controller
25
4.1.9 SDIO/SPI Slave Controller
25
4.1.10 Universal Asynchronous Receiver Transmitter (UART)
26
4.1.11 I²C Interface
26
4.1.12 I²S Interface
26
4.1.13 Infrared Remote Controller
26
4.1.14 Pulse Counter
26
4.1.15 Pulse Width Modulation (PWM)
26
4.1.16 LED PWM
27
4.1.17 Serial Peripheral Interface (SPI)
27
4.1.18 Accelerator
27
4.2
Peripheral Pin Configurations
28
5 Electrical Characteristics
33
5.1
Absolute Maximum Ratings
33
5.2
Recommended Operating Conditions
33
5.3
DC Characteristics (3.3 V, 25 °C)
34
5.4
Reliability Qualifications
34
5.5
RF Power-Consumption Specifications
35
5.6
Wi-Fi Radio
35
5.7
Bluetooth Radio
36
5.7.1 Receiver – Basic Data Rate
36
5.7.2 Transmitter – Basic Data Rate
36
5.7.3 Receiver – Enhanced Data Rate
37
5.7.4 Transmitter – Enhanced Data Rate
37
5.8
Bluetooth LE Radio
38
5.8.1 Receiver
38
5.8.2 Transmitter
38
6 Package Information
39
7 Part Number and Ordering Information
40
8 Learning Resources
41
8.1
Must-Read Documents
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com