Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-S0WD Datasheet(PDF) 3 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-S0WD
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-S0WD Datasheet(HTML) 3 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

  ESP32-S0WD Datasheet HTML 1Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S0WD Datasheet HTML 2Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S0WD Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S0WD Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S0WD Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S0WD Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S0WD Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S0WD Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S0WD Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
Contents
1 Overview
1
1.1
Featured Solutions
1
1.1.1 Ultra-Low-Power Solution
1
1.1.2 Complete Integration Solution
1
1.2
Wi-Fi Key Features
1
1.3
BT Key Features
2
1.4
MCU and Advanced Features
2
1.4.1 CPU and Memory
2
1.4.2 Clocks and Timers
3
1.4.3 Advanced Peripheral Interfaces
3
1.4.4 Security
3
1.5
Applications (A Non-exhaustive List)
4
1.6
Block Diagram
5
2 Pin Definitions
6
2.1
Pin Layout
6
2.2
Pin Description
7
2.3
Power Scheme
9
2.4
Strapping Pins
10
3 Functional Description
13
3.1
CPU and Memory
13
3.1.1 CPU
13
3.1.2 Internal Memory
13
3.1.3 External Flash and SRAM
14
3.1.4 Memory Map
14
3.2
Timers and Watchdogs
16
3.2.1 64-bit Timers
16
3.2.2 Watchdog Timers
16
3.3
System Clocks
17
3.3.1 CPU Clock
17
3.3.2 RTC Clock
17
3.3.3 Audio PLL Clock
17
3.4
Radio
17
3.4.1 2.4 GHz Receiver
18
3.4.2 2.4 GHz Transmitter
18
3.4.3 Clock Generator
18
3.5
Wi-Fi
18
3.5.1 Wi-Fi Radio and Baseband
18
3.5.2 Wi-Fi MAC
19
3.6
Bluetooth
19
3.6.1 Bluetooth Radio and Baseband
19
3.6.2 Bluetooth Interface
20
3.6.3 Bluetooth Stack
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com