Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBF0540 Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBF0540
Description  SMD Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBF0540 Datasheet(HTML) 2 Page - Comchip Technology

  CDBF0540 Datasheet HTML 1Page - Comchip Technology CDBF0540 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (CDBF0540)
Fig. 1 - Forward characteristics
Forward voltage (V)
SMD Schottky Barrier Diode
SMD Schottky Barrier Diode
Ambient temperature ( C )
Fig. 4 - Current derating curve
Reverse voltage (V)
0
5
10
15
20
20
40
60
80
100
120
0
f=1MHz
Ta = 25 C
Fig. 3 - Capacitance between
terminals characteristics
0
20
40
120
100
80
60
150
125
100
75
50
25
0
Reverse voltage (V)
-25 C
25 C
75 C
1n
10n
100n
1u
10u
100u
1m
10
20
30
10m
40
0
125 C
Fig. 2 - Reverse characteristics
0.1
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.7
0.6
0
SMD Diodes Specialist
COMCHIP
Page 2
REV:A
QW-A1040



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com