Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA555 Datasheet(PDF) 14 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # SA555
Description  PRECISION TIMERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

SA555 Datasheet(HTML) 14 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button SA555 Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555 Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555 Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555 Datasheet HTML 13Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555 Datasheet HTML 14Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555 Datasheet HTML 15Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555 Datasheet HTML 16Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555 Datasheet HTML 17Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555 Datasheet HTML 18Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
NE555,SA555,SE555
PRECISION TIMERS
www.artschip.com
14
N (R-PDIP-T **)
PLASTIC DUAL-IN-LINE PACKAGE
16 PINS SHOWN
4040049/E 12/2002
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
Falls within JEDEC MS-001, except 18 and 20 pin minimum body length (Dim A).
The 20 pin end lead shoulder width is a vendor option, either half or full width.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com