Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA555D Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # SA555D
Description  PRECISION TIMERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

SA555D Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  SA555D Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
NE555,SA555,SE555
PRECISION TIMERS
www.artschip.com
2
FUNCTION TABLE
RESET
TRIGGER
VOLTAGE
THRESHOLD
VOLTAGE
OUTPUT
DISCHARGE
SWITCH
Low
Irrelevant
Irrelevant
Low
On
High
<1/3 VDD
Irrelevant
High
Off
High
>1/3 VDD
>2/3 VDD
Low
On
High
>1/3 VDD
<2/3 VDD
As previously established
Voltage levels shown are nominal.
Function block diagram
Pin numbers shown are for the D,JG,P,PS,and PW packages.
NOTE A:
RESET can override TRIG, which can override THRES.
Absolute maximum ratings over operating free-air temperature range (unless otherwise note) †
Supply voltage, Vcc (see Note 1)…………………………………………………………………………………………………18V
Input voltage (CONT, RESET, THRES, and TRING)…………………………………………………………………………….Vcc
Output Current………………………………………………………………………………………………………………… ±225mA
Package thermal impedance, ӨJA (see Notes 2 and 3): D package………………………………………………………97℃/W
P package……………………………………………………….85℃/W
PS package………………………………………………………95℃/W
PW package……………………………………………………..149℃/W
Package thermal impedance, ӨJC (see Notes 4 and 5): FK package…………………………………………………….5.61℃/W
JG package…………………………………………………….14.5℃/W
Operating virtual junction temperature, TJ………………………………………………………………………………………..150℃
Case temperature for 60 seconds: FK package…………………………………………………………………………………260℃
Lead temperature 1,6mm (1/16inch) from case for 60 seconds: JG package………………………………………………...300℃
Storage temperature range, Tstg…………………………………………………………………………………………-65℃ to 150℃
†Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended
operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
Notes:
1. All voltage values are with respect to GND.
2. Maximum power dissipation is a function of TJ(max). ӨJA, and TA. The maximum allowable power dissipation at any
allowable ambient temperature is PD=(TJ(max)-TA)/ ӨJA. Operating at the absolute maximum TJ of 150℃ can affect reliability.
3. The package thermal impedance is calculated in accordance with JESD 51-7.
4. Maximum power dissipation is a function of TJ(max), ӨJC, and TC. The maximum allowable power dissipation at any
allowable case temperature is PD=(TJ(max)-Tc)/ ӨJA. Operating at the absolute maximum TJ of 150℃ can affect reliability.
5. The package thermal impedance is calculated in accordance with MIL-STD-883.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com