Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4524EEVB Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC4524EEVB
Description  28V 2A Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524EEVB Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC4524EEVB Datasheet HTML 10Page - Semtech Corporation SC4524EEVB Datasheet HTML 11Page - Semtech Corporation SC4524EEVB Datasheet HTML 12Page - Semtech Corporation SC4524EEVB Datasheet HTML 13Page - Semtech Corporation SC4524EEVB Datasheet HTML 14Page - Semtech Corporation SC4524EEVB Datasheet HTML 15Page - Semtech Corporation SC4524EEVB Datasheet HTML 16Page - Semtech Corporation SC4524EEVB Datasheet HTML 17Page - Semtech Corporation SC4524EEVB Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
SC4524E
4
Applications Information (Cont.)
If V
IN(MAX) + VOUT > 42V, then a Zener diode D3 can be used
in series with D
 to lower the BST voltage [Figure 6(c)].
The following inequality gives a suitable range for the Ze-
ner voltage V
Z:
The SC4524E can also be bootstrapped from the input
[Figure 6(b)]. This configuration is not as efficient as Fig-
ure 6(a). However this may be the only option if the out-
put voltage is less than 2.5V and there is no other supply
with voltage higher than 2.5V. Voltage stress at the BST
pin can be somewhat higher than 2V
IN. The BST pin volt-
age should not exceed its absolute maximum rating of
42V.
To reduce BST voltage stress when stepping down from
high V
IN (>20V) to low VOUT (<2.5V), a Zener diode can be
added in series with D
. This is shown in Figure 6(d). The
Zener voltage can be selected as follows:
Figures 6(e) and (f) show how to bootstrap the SC4524E
from a second independent power supply V
S.
The minimum bootstrap capacitance C
 can be estimated
as:
where V
S is the voltage applied to the anode of D.
The inductor current charges the bootstrap capacitor
when it pulls the SW node low during the switch off time.
If D
 is connected to the converter input, then C will be
charged as soon as V
IN is applied.
If the bootstrap diode is tied to the converter output [Fig-
ures 6(a) and 6(c)], then C
 can only be charged from the
regulator output through the inductor. Before the con-
verter starts, there is no output voltage or inductor cur-
rent. Hence it is necessary for the regulator to deliver some
inductor current to the output before C
 can be charged.
If V
IN is not much higher than the programmed VOUT and it
ramps up very slowly, then the inductor current will not
be high enough for the bootstrap circuit to run, especially
at light loads. In order to have some inductor current to
charge C
, the converter output needs to be loaded or VIN
needs to be increased. Using larger soft-start capacitor C
SS
will also help the bootstrap circuit to run because there
will be current in the inductor over a longer period of time.
Figures 7(a) and 7(b) show the minimum input voltage re-
quired to start bootstrap and to run before dropping out
as a function of the load current. The minimum start-up V
IN
decreases with higher dV
IN/dt or larger soft-start capacitor
C
SS. The lines labeled “dropout” in these graphs show that
once started, the bootstrap circuit is able to sustain itself
down to zero load.
(a)
(b)
Figure 7. The Minimum Input Voltage to Start and
to Run Before Dropout. The Regulator is
Bootstrapped from its Output [Figure 6(a)].
D
1 is 1N4148. (a) VOUT = 5V (b) VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com