Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4524FSETRT Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC4524FSETRT
Description  18V 2A Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524FSETRT Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC4524FSETRT Datasheet HTML 15Page - Semtech Corporation SC4524FSETRT Datasheet HTML 16Page - Semtech Corporation SC4524FSETRT Datasheet HTML 17Page - Semtech Corporation SC4524FSETRT Datasheet HTML 18Page - Semtech Corporation SC4524FSETRT Datasheet HTML 19Page - Semtech Corporation SC4524FSETRT Datasheet HTML 20Page - Semtech Corporation SC4524FSETRT Datasheet HTML 21Page - Semtech Corporation SC4524FSETRT Datasheet HTML 22Page - Semtech Corporation SC4524FSETRT Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
SC4524F
20
LC
Load Characteristic
0
1
2
3
4
5
6
0
0 .5
1
1 .5
2
2 .5
3
Load Current (A)
SS27 0 REV 6-7
Load Characteristic
SS
12V Input (5V/DIV)
5V Output (2V/DIV)
10ms/DIV
SS Voltage (1V/DIV)
V
IN Start up Transient (IO=2A)
Load Transient Response
(I
O= 0.3A to 2A)
Output Short Circuit (Hiccup)
TR
5V Output Response (500mV/DIV, AC Coupling)
Inductor Current (1A/DIV)
40us/DIV
OCP
5V Output Short (5V/DIV)
Retry Inductor Current (2A/DIV)
20ms/DIV
SS Voltage (2V/DIV)
Typical Performance Characteristics
(For A 12V to 5V/2A Step-down Converter with 1MHz Switching Frequency)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com