Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4525EEVB Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC4525EEVB
Description  28V 3A Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525EEVB Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC4525EEVB Datasheet HTML 10Page - Semtech Corporation SC4525EEVB Datasheet HTML 11Page - Semtech Corporation SC4525EEVB Datasheet HTML 12Page - Semtech Corporation SC4525EEVB Datasheet HTML 13Page - Semtech Corporation SC4525EEVB Datasheet HTML 14Page - Semtech Corporation SC4525EEVB Datasheet HTML 15Page - Semtech Corporation SC4525EEVB Datasheet HTML 16Page - Semtech Corporation SC4525EEVB Datasheet HTML 17Page - Semtech Corporation SC4525EEVB Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
SC4525E
4
Applications Information (Cont.)
If V
IN(MAX) + VOUT > 42V, then a Zener diode D3 can be used
in series with D
 to lower the BST voltage [Figure 6(c)]. The
following inequality gives a suitable range for the Zener
voltage V
Z:
The SC4525E can also be bootstrapped from the input
[Figure 6(b)]. This configuration is not as efficient as Figure
6(a). However this may be the only option if the output
voltage is less than 2.5V and there is no other supply with
voltage higher than 2.5V. Voltage stress at the BST pin can
be somewhat higher than 2V
IN. The BST pin voltage should
not exceed its absolute maximum rating of 42V.
To reduce BST voltage stress when stepping down from
high V
IN (>20V) to low VOUT (<2.5V), a Zener diode can be
added in series with D
. This is shown in Figure 6(d). The
Zener voltage can be selected as follows:
Figures 6(e) and (f) show how to bootstrap the SC4525E
from a second independent power supply V
S.
The minimum bootstrap capacitance C
 can be estimated
as:
where V
S is the voltage applied to the anode of D.
The inductor current charges the bootstrap capacitor
when it pulls the SW node low during the switch off time.
If D
 is connected to the converter input, then C will be
charged as soon as V
IN is applied.
If the bootstrap diode is tied to the converter output
[Figures 6(a) and 6(c)], then C
 can only be charged from
the regulator output through the inductor. Before the
converter starts, there is no output voltage or inductor
current. Hence it is necessary for the regulator to deliv-
er some inductor current to the output before C
 can be
charged. If V
IN is not much higher than the programmed
V
OUT and it ramps up very slowly, then the inductor cur-
rent will not be high enough for the bootstrap circuit to
run, especially at light loads. In order to have some induc-
tor current to charge C
, the converter output needs to be
loaded or V
IN needs to be increased. Using larger soft-start
capacitor C
SS will also help the bootstrap circuit to run be-
cause there will be current in the inductor over a longer
period of time. Figures 7(a) and 7(b) show the minimum
input voltage required to start bootstrap and to run be-
fore dropping out as a function of the load current. The
minimum start-up V
IN decreases with higher dVIN/dt or
larger soft-start capacitor C
SS. The lines labeled “dropout”
in these graphs show that once started, the bootstrap cir-
cuit is able to sustain itself down to zero load.
(a)
(b)
Figure 7. The Minimum Input Voltage to Start and
to Run Before Dropout. The Regulator is
Bootstrapped from its Output [Figure 6(a)].
D
1 is 1N4148. (a) VOUT = 5V (b) VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com