Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4525FEVB Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC4525FEVB
Description  18V, 3A, 350kHz Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525FEVB Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC4525FEVB Datasheet HTML 10Page - Semtech Corporation SC4525FEVB Datasheet HTML 11Page - Semtech Corporation SC4525FEVB Datasheet HTML 12Page - Semtech Corporation SC4525FEVB Datasheet HTML 13Page - Semtech Corporation SC4525FEVB Datasheet HTML 14Page - Semtech Corporation SC4525FEVB Datasheet HTML 15Page - Semtech Corporation SC4525FEVB Datasheet HTML 16Page - Semtech Corporation SC4525FEVB Datasheet HTML 17Page - Semtech Corporation SC4525FEVB Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
SC4525F
4
Applications Information (Cont.)
Minimum Soft-start Capacitance Css
To ensure normal operation, the minimum soft-start
capacitance C
SS can be calculated in terms of the output
capacitance C
O and output load current IO according to
the following equations.
SS
SS
SS
C
I
dt
dV =
(
)
[
]
1.2V
V
2
dt
d
dt
dV
dt
dV
SS
1
0
−
=
=
Substituting the first equation into the second equation,
SS
SS
0
C
2I
dt
dV
=
where V
SS is the soft-start capacitor voltage and ISS is the
soft-start charging current. V
 is the voltage defined in
Figure 2.
To ensure successful startup, the total current drawn
from the output must be less than the maximum output
capability of the part,
3.5A
dt
dV
C
R
V
0
0
0
≤
×
+
Substituting the third equation of this section into the
previous equation,
3.5A
C
C
2I
R
V
SS
0
SS
0
≤
×
+
Rearranging,
−
×
≥
R
V
3.5A
C
2I
C
0
0
SS(MAX)
SS
Therefore the minimum C
SS depends on the output
capacitance and the load current. Larger C
SS is necessary
when starting into a heavy load (small R).
If the regulator is to be started by turning on a bench
power supply, then C
SS will be best determined empirical-
ly because the rise time of a power supply can range from
a few milliseconds to a few hundred milliseconds. With
the maximum load applied, the output rise is observed
using a 22nF for C
SS. Adjust CSS until a linear VOUT ramp is
achieved.
Loop Compensation
The goal of compensation is to shape the frequency
response of the converter so as to achieve high DC
accuracy and fast transient response while maintaining
loop stability.
(a)
(b)
Figure 7. The Minimum Input Voltage to Start and
to Run Before Dropout. The Regulator is
Bootstrapped from its Output [Figure 6(a)].
D
1 is 1N4148. (a) VOUT = 5V (b) VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com