Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB968 Datasheet(PDF) 1 Page - GSR Technology Ltd

Part # KB968
Description  Computer-on-Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSR [GSR Technology Ltd]
Direct Link  https://www.gsr-technology.co.uk/
Logo GSR - GSR Technology Ltd

KB968 Datasheet(HTML) 1 Page - GSR Technology Ltd

  KB968 Datasheet HTML 1Page - GSR Technology Ltd KB968 Datasheet HTML 2Page - GSR Technology Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TFTModules
© GSR Technology 2018
www.gsr-technology.co.uk
Page 1
Processor
AMD® Embedded G-Series SoC FT3 BGA
AMD® GX-415GA, Quad Core, 2M Cache, 1.5GHz, 15W
AMD® GX-420CA, Quad Core, 2M Cache, 2.0GHz, 25W
AMD® GX-217GA, Dual Core, 1M Cache, 1.65GHz, 15W
AMD® GX-210HA, Dual Core, 1M Cache, 1.0GHz, 9W
AMD® GX-210JA, Dual Core, 1M Cache, 1.0GHz, 6W
AMD® GX-416RA, Quad Core, 2M Cache, 1.6GHz, 15W,
without GPU
Part Number
KB968
Memory
One 204-pin SODIMM up to 8GB
Dual Channel DDR3 1600MHz
BIOS
32Mbit SPI
Controller
Advanced discrete-level GPU integrated in the processor
Feature
Supports hardware acceleration for DirectX 11.1, H.264,
MPEG-2, MPEG-4 AVC, VC-1 and WMV
Display
1 x VGA
1 x LVDS/DP
1 x DP
VGA: resolution up to 2048x1536 @ 60Hz
LVDS: single channel 18-bit, resolution up to 1600x900 @ 60Hz
DP: resolution up to 4096x2160 @ 30Hz
Expansion
1 x PCIe x4 (GFX)
4 x PCIe x1 (GPP, GPP3 is connected to onboard LAN by
default)
1 x LPC
1 x I2C
1 x SMBus
2 x Serial (TX/RX)
Product Name: KB968


Similar Part No. - KB968

ManufacturerPart #DatasheetDescription
logo
DFI Inc
KB968 DFI-KB968 Datasheet
1Mb / 2P
AMD Embedded G-Series SoC COM Express Compact
KB968-GX210HBBS DFI-KB968-GX210HBBS Datasheet
1Mb / 2P
AMD Embedded G-Series SoC COM Express Compact
KB968-GX210JBBS DFI-KB968-GX210JBBS Datasheet
1Mb / 2P
AMD Embedded G-Series SoC COM Express Compact
KB968-GX217BBS DFI-KB968-GX217BBS Datasheet
1Mb / 2P
AMD Embedded G-Series SoC COM Express Compact
KB968-GX415BBS DFI-KB968-GX415BBS Datasheet
1Mb / 2P
AMD Embedded G-Series SoC COM Express Compact
More results

Similar Description - KB968

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14954 MAXIM-MAX14954 Datasheet
4Mb / 17P
Computer on Modules
Rev 0; 11/12
MAX14955 MAXIM-MAX14955 Datasheet
5Mb / 19P
Computer on Modules
Rev 0; 3/13
logo
GSR Technology Ltd
AL-9A3 GSR-AL-9A3 Datasheet
392Kb / 2P
Computer-on-Modules
BT9A3 GSR-BT9A3 Datasheet
395Kb / 2P
Computer-on-Modules
BW968 GSR-BW968 Datasheet
404Kb / 2P
Computer-on-Modules
CR908-B GSR-CR908-B Datasheet
407Kb / 2P
Computer-on-Modules
HR908-B GSR-HR908-B Datasheet
406Kb / 2P
Computer-on-Modules
KU968 GSR-KU968 Datasheet
402Kb / 2P
Computer-on-Modules
OT905-B GSR-OT905-B Datasheet
351Kb / 2P
Computer-on-Modules
SU968 GSR-SU968 Datasheet
404Kb / 2P
Computer-on-Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com