Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGSIF464 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SGSIF464
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SGSIF464 Datasheet(HTML) 1 Page - STMicroelectronics

  SGSIF464 Datasheet HTML 1Page - STMicroelectronics SGSIF464 Datasheet HTML 2Page - STMicroelectronics SGSIF464 Datasheet HTML 3Page - STMicroelectronics SGSIF464 Datasheet HTML 4Page - STMicroelectronics SGSIF464 Datasheet HTML 5Page - STMicroelectronics SGSIF464 Datasheet HTML 6Page - STMicroelectronics SGSIF464 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SGSF464
SGSIF464
HIGH VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTOR
s
SGS-THOMSON PREFERRED SALESTYPES
s
HIGH VOLTAGE CAPABILITY
s
VERY HIGH SWITCHING SPEED
s
LOW BASE-DRIVE REQUIREMENTS
s
U.L. RECOGNISED ISOWATT218 PACKAGE
(U.L. FILE # E81734 (N))
APPLICATIONS:
s
SWITCH MODE POWER SUPPLIES
s
HORIZONTAL DEFLECTION FOR COLOUR
TVS AND MONITORS
DESCRIPTION
The SGSF464 and SGSIF464 are manufactured
using
Multiepitaxial
Mesa
technology
for
cost-effective high performance and uses a
Hollow Emitter structure to enhance switching
speeds.
The SGSF series is designed for high speed
switching applications such as power supplies
and horizontal deflection circuits in TVs and
monitors.
INTERNAL SCHEMATIC DIAGRAM
June 1996
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Valu e
Un it
VCES
Collect or-Emitter Volt age (VBE = 0)
1200
V
VCEO
Collect or-Emitter Volt age (IB = 0)
600
V
VEBO
Emitter-Base Volt age (IC =0)
7
V
IC
Collect or Current
10
A
ICM
Collect or Peak Current (tp <5 ms)
15
A
IB
Base Current
7
A
IBM
Base Peak Current (tp <5 ms)
12
A
Ptot
T otal Dissipation at Tc =25
oC
125
57
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction T emperature
150
oC
1
2
3
TO-218
ISOWATT218
1
2
3
1/7


Similar Part No. - SGSIF464

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SGSIF461 STMICROELECTRONICS-SGSIF461 Datasheet
252Kb / 5P
FASTSWITCH HOLLOW-EMITTER NPN TRANSISTORS
Feb-1989
More results

Similar Description - SGSIF464

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com