Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3006 Datasheet(PDF) 1 Page - Vatronics Technologies Limited

Part # 3006
Description  Rectangular Multi-Turn Trimmer Potentiometers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

3006 Datasheet(HTML) 1 Page - Vatronics Technologies Limited

  3006 Datasheet HTML 1Page - Vatronics Technologies Limited 3006 Datasheet HTML 2Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3006 Trimmer Potentiometers, Potentiometers,Trimmer Potentiometer, Cemet... Potentiometer, Rotary Carbon Potentiometer with Pull-Push Switch, Carbo
•
•
3006 Rectangular Multi-Turn Trimmer Potentiometers
Vatronics makes 3006P3006Y,3006W Series
Electrical Characteristics
Range of resistance 50
Ω—2MΩ Resistance tolerance±10%
Terminal resistance
≤2Ωor1%R
Contact resistance variation CRV
≤3%R or3Ω
Insulation resistance Re
≥1GΩ
Withstand voltage 450Vdc
Limit current of moving contact 50mA
Effective electrical travel 22 turns
3006
Vatronics Environmental Characteristics
Rated power (315Vmax) 0.5W•70••
Temperature•range -55•—+125•
TCR ±100ppm/•;•±250ppm/•
Temperature•variation -55•,30min,+125•,30min
5•cycles
∆R≤3%R,•∆(Uab/Uac)≤2%
Collision 390m/s²•4000•cycles
∆R≤2%R
Vibration 10—500HZ•0.75mm,6h
∆R≤2%R,•∆(Uab/Uac)≤3%
Vatronics Climate•category
∆R≤3%R•Re≥100MΩ
Endurance at 70• 0.5W;•1000h
∆R≤3%R•CRV≤3%R
Vatronics Mechanical•endurance 200cycles
∆R≤3%R•CRV≤3%R
Steady•damp—heat
∆R≤3%R•Re≥100MΩ
Physical•Characteristics
Total•mechanical•travel 25±5•turns
Starting•torque
≤15•mN.m
Mark Resistance•code, resistance•tolerance
(±10%• no•indication),•lot•No
Standard pack 50pcs/tube
Vatronics Technologies Limited
http://www.vatronics.com sales@vatronics.com
file:///C|/index/3006P.htm (1 / 2) [2003-12-16 17:04:01]


Similar Part No. - 3006

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3006 BOURNS-3006 Datasheet
131Kb / 1P
Trimpot Trimming Potentiometer
logo
XFMRS Inc.
3006 XFMRS-3006 Datasheet
32Kb / 4P
XFSMD3 SERIES INDUCTORS
logo
Amphenol Corporation
3006 AMPHENOL-3006 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Bourns Electronic Solut...
3006 BOURNS-3006 Datasheet
106Kb / 1P
Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
logo
Heyco.
3006 HEYCO-3006 Datasheet
135Kb / 1P
Large Dome Plugs
More results

Similar Description - 3006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T18102KT10 VISHAY-T18102KT10 Datasheet
87Kb / 5P
3/4 Rectangular Multi-Turn Cermet Trimmer
05-Aug-13
T18105KT10 VISHAY-T18105KT10 Datasheet
87Kb / 5P
3/4" Rectangular Multi-Turn Cermet Trimmer
05-Aug-13
M70Y104KB25 VISHAY-M70Y104KB25 Datasheet
92Kb / 4P
Rectangular Multi-Turn Cermet Trimmer
02-Oct-13
T18 VISHAY-T18_17 Datasheet
90Kb / 5P
3/4 Rectangular Multi-Turn Cermet Trimmer
24-Sep-15
logo
Vatronics Technologies ...
3266 VATRONICS-3266 Datasheet
129Kb / 3P
6mm Square Multi-Turn Trimmer Potentiometers
3269 VATRONICS-3269 Datasheet
39Kb / 1P
6mm Square Multi-Turn Trimmer Potentiometers
3296 VATRONICS-3296 Datasheet
74Kb / 3P
9mm Square Multi-Turn Trimmer Potentiometers
3329 VATRONICS-3329 Datasheet
62Kb / 2P
Round Single-Turn Trimmer Potentiometers
logo
Vishay Siliconix
T18 VISHAY-T18_V01 Datasheet
79Kb / 5P
3/4" Rectangular Multi-Turn Cermet Trimmer
21-Oct-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com