Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3269 Datasheet(PDF) 1 Page - Vatronics Technologies Limited

Part # 3269
Description  6mm Square Multi-Turn Trimmer Potentiometers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

3269 Datasheet(HTML) 1 Page - Vatronics Technologies Limited

  3269 Datasheet HTML 1Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3269 Trimmer Potentiometers, Potentiometers,Trimmer Potentiometer, Ceme...e Slide Carbon Potentiometer, Channel-Preselection Carbon Potentiometer
•
3269 6mm Square Multi-Turn Trimmer Potentiometers
Vatronics makes 3269W,3269P Series.
Electrical•Characteristics
Range•of•resistance 10
Ω—1MΩ•
Resistance•tolerance ±10%
Terminal•resistance
≤2Ω•or•1%R
Contact•resistance•variation CRV
≤3%R•or•3Ω
Insulation•resistance Re
≥1GΩ Withstand•voltage 600Vdc
Limit•current•of•moving•contact•30mA
Effective•electrical•travel 12±2•turns
Vatronics Environment•Characteristics
Rated power(200Vmax -0.25W•70••
Temperature•range -55•—+125•
TCR ------±100ppm/•;•±250ppm/•
Temperature•variation -55•,30min,+125•,30min 5cycles
∆R≤2%R,•∆(Uab/Uac)≤1%
Collision 390m/s²•4000•cycles
∆R≤1%R
Vibration 10—2000HZ•0.75mm,6h
∆R≤1%R,•∆(Uab/Uac)≤2%
Climate•category
∆R≤3%R•Re≥100MΩ
Endurance•at•70• 0.25W;1000h
∆R≤3%R•CRV≤3%R
Mechanical•endurance 200•cycles
∆R≤3%R•CRV≤3%R
Vatronics Steady•damp—heat
∆R≤3%R•Re≥100MΩ
Physical•Characteristics
Total•mechanical•travel 15±2
•turns
Starting•torque
≤25mN.m
Mark Resistance•code,
resistance tolerance
(±10% noindication),lot No
Standard•pack 50pcs/tube
Vatronics Technologies Limited
http://www.vatronics.com sales@vatronics.com
file:///C|/index/3269.htm [2003-12-16 17:13:14]


Similar Part No. - 3269

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3269 BOURNS-3269 Datasheet
137Kb / 2P
Square SMD Trimming Potentiometer
logo
Pomona Electronics
3269 POMONA-3269 Datasheet
32Kb / 1P
Adapter - BNC Female To Miniature Double Banana Plug
logo
Bourns Electronic Solut...
3269 BOURNS-3269 Datasheet
442Kb / 2P
Square SMD Trimpot Trimming Potentiometer Stable, infi nite resolution cermet element
3269 BOURNS-3269 Datasheet
106Kb / 1P
Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
logo
Heyco.
3269 HEYCO-3269 Datasheet
120Kb / 1P
Nylon Locknuts
More results

Similar Description - 3269

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVM31G PANASONIC-EVM31G Datasheet
74Kb / 2P
6mm Size Ceramic Trimmer Potentiometers
EVN-D8AA03B13 PANASONIC-EVN-D8AA03B13 Datasheet
152Kb / 3P
6FE Square Trimmer Potentiometers
EVN-DJAA03B24 PANASONIC-EVN-DJAA03B24 Datasheet
162Kb / 3P
6FE Square Trimmer Potentiometers
logo
Vatronics Technologies ...
3006 VATRONICS-3006 Datasheet
66Kb / 2P
Rectangular Multi-Turn Trimmer Potentiometers
3266 VATRONICS-3266 Datasheet
129Kb / 3P
6mm Square Multi-Turn Trimmer Potentiometers
3296 VATRONICS-3296 Datasheet
74Kb / 3P
9mm Square Multi-Turn Trimmer Potentiometers
3323 VATRONICS-3323 Datasheet
99Kb / 3P
6mm Square Single-Turn Trimmer Potentiometers
3362 VATRONICS-3362 Datasheet
83Kb / 3P
6mm Square Single-Turn Trimmer Potentiometers
3386 VATRONICS-3386 Datasheet
79Kb / 3P
9mm Square Single-Turn Trimmer Potentiometers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com