Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3329 Datasheet(PDF) 1 Page - Vatronics Technologies Limited

Part # 3329
Description  Round Single-Turn Trimmer Potentiometers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

3329 Datasheet(HTML) 1 Page - Vatronics Technologies Limited

  3329 Datasheet HTML 1Page - Vatronics Technologies Limited 3329 Datasheet HTML 2Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3329 Trimmer Potentiometers, Potentiometers,Trimmer Potentiometer, Ceme...e Slide Carbon Potentiometer, Channel-Preselection Carbon Potentiometer
•
3329 Round Single-Turn Trimmer Potentiometers
Vatronics makes 3329H, 3329P, 3329S Series.
Electrical Characteristics Range
of resistance 10
Ω—2MΩ•
Resistance tolerance ±10%
Terminal•resistance 1%R or
≤2Ω Contact resistance variation CRV≤3%R or 3Ω
Insulation•resistance Re
≥1GΩWithstand voltage 500Vdc•
Vatronics Effective electrical travel>70% of total mechanical travel
Environmental Characteristics Rated power 0.5W(70•)
Temperature range -55•—•+125• TCR ±100ppm/••
Temperature variation -55•,30min,+125•,30min 3•cycles
∆R≤3%R Collision
390m/s²•4000 cycles
∆R≤3%R Vibration 10—500HZ,0.75mm,6h ∆R≤3%R•
Climate category
∆R≤3%R•Re≥100MΩ
Endurance at 70• 0.5W•1000h
∆R≤3%R Mechanical endurance 100 cycles ∆R≤3%R
Steady damp—heat
∆R≤3%R•Re≥100MΩ
Physical Characteristics Total mechanical travel
≥260° Starting torque ≤20•mN.m
Mark Resistance code, resistance tolerance (±10% no indication), lot No. Standard package 50pcs/tube
Vatronics 3329H DRAWING
Vatronics Technologies Limited
http://www.vatronics.com sales@vatronics.com
file:///C|/index/3329P.htm (1 / 2) [2003-12-16 17:40:47]


Similar Part No. - 3329

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3329 BOURNS-3329 Datasheet
144Kb / 2P
1/4 Round Trimming Potentiometer
3329 BOURNS-3329 Datasheet
159Kb / 2P
3329 - 1/4 ??Round Trimming Potentiometer
3329 BOURNS-3329 Datasheet
106Kb / 1P
Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
logo
List of Unclassifed Man...
3329 ETC-3329 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3329 HEYCO-3329 Datasheet
84Kb / 1P
Nylon Cable Clamps
More results

Similar Description - 3329

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
MODEL23 TTELEC-MODEL23 Datasheet
782Kb / 3P
SINGLE TURN TRIMMER
MODEL72 TTELEC-MODEL72 Datasheet
989Kb / 5P
SINGLE TURN TRIMMER
MODEL82 TTELEC-MODEL82 Datasheet
816Kb / 4P
SINGLE TURN TRIMMER
logo
Vatronics Technologies ...
3006 VATRONICS-3006 Datasheet
66Kb / 2P
Rectangular Multi-Turn Trimmer Potentiometers
3266 VATRONICS-3266 Datasheet
129Kb / 3P
6mm Square Multi-Turn Trimmer Potentiometers
3269 VATRONICS-3269 Datasheet
39Kb / 1P
6mm Square Multi-Turn Trimmer Potentiometers
3296 VATRONICS-3296 Datasheet
74Kb / 3P
9mm Square Multi-Turn Trimmer Potentiometers
3323 VATRONICS-3323 Datasheet
99Kb / 3P
6mm Square Single-Turn Trimmer Potentiometers
3362 VATRONICS-3362 Datasheet
83Kb / 3P
6mm Square Single-Turn Trimmer Potentiometers
3386 VATRONICS-3386 Datasheet
79Kb / 3P
9mm Square Single-Turn Trimmer Potentiometers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com