Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3296P Datasheet(PDF) 1 Page - Vatronics Technologies Limited

Part # 3296P
Description  9mm Square Multi-Turn Trimmer Potentiometers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

3296P Datasheet(HTML) 1 Page - Vatronics Technologies Limited

  3296P Datasheet HTML 1Page - Vatronics Technologies Limited 3296P Datasheet HTML 2Page - Vatronics Technologies Limited 3296P Datasheet HTML 3Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3296 Trimmer Potentiometers, Potentiometers,Trimmer Potentiometer, Cemet... Potentiometer, Rotary Carbon Potentiometer with Pull-Push Switch, Carbo
•
•
3296 9mm Square Multi-Turn Trimmer Potentiometers
Vatronics makes 3296W,3296X,3296P,3296Y,3296Z Series.
Dimensions: 9.50 x 10.00 x 4.85mm
Electrical
•Characteristics
Range•of•resistance: 10
Ω—2MΩ•Resistance•tolerance: ±10%
Terminal•resistance
≤2Ω•or•1%R Contact•resistance•variation:
CRV
≤3%R•or•3Ω Insulation•resistance Re≥1GΩ
Withstand•voltage -600Vdc
Limit•current•of•moving•contact:•30mA
Effective•electrical•travel:•25±2•turns
3296W
Vatronics Environmental•Characteristics
Rated•power: (300Vmax) 0.5W•70••
Temperature range: -55•~+125•
TCR: ±100ppm/•;•±250ppm/•
Temperature•variation -55•,30min,+125•,30min5cycles
∆R≤2%R,•∆(Uab/Uac)≤1% Collision 390m/s²•4000cycles
∆R≤1%R Vibration 10—2000HZ•0.75mm,6h
∆R≤1%R,•∆(Uab/Uac)≤2%
Vatronics Climate•category
∆R≤3%R•Re≥100MΩ
Enduranceat 70• 0.5W;1000h
∆R≤3%R•CRV≤3%R
Mechanical•endurance
200•cycles
∆R≤3%R•CRV≤3%R
Steady•damp—heat
∆R≤3%R•Ré≥100MΩ Physical•Characteristics
Vatronics Total mechanical travel 28±2
•turns Starting•torque
≤36 mNm Di
Mark: Resistance code, resistance
•tolerance(±10% no indication), lot No.
Standard•package 50pcs/tube
Vatronics Technologies Limited
http://www.vatronics.com sales@vatronics.com
file:///C|/index/3296P.htm (1 / 3) [2003-12-16 17:00:11]


Similar Part No. - 3296P

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
3296P DBLECTRO-3296P Datasheet
202Kb / 1P
3296P
logo
Bourns Electronic Solut...
3296P BOURNS-3296P Datasheet
183Kb / 2P
Square Trimpot Trimming Potentiometer Tape and reel packaging available
3296P-1-100ALF BOURNS-3296P-1-100ALF Datasheet
121Kb / 2P
3296 - 3/8 ??Square Trimming Potentiometer - Bourns
3296P-1-100LF BOURNS-3296P-1-100LF Datasheet
121Kb / 2P
3296 - 3/8 ??Square Trimming Potentiometer - Bourns
3296P-1-100RLF BOURNS-3296P-1-100RLF Datasheet
121Kb / 2P
3296 - 3/8 ??Square Trimming Potentiometer - Bourns
More results

Similar Description - 3296P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVN-D8AA03B15 PANASONIC-EVN-D8AA03B15 Datasheet
152Kb / 3P
6FE Square Trimmer Potentiometers
EVN-D8AA03B13 PANASONIC-EVN-D8AA03B13 Datasheet
152Kb / 3P
6FE Square Trimmer Potentiometers
EVN-DJAA03B24 PANASONIC-EVN-DJAA03B24 Datasheet
162Kb / 3P
6FE Square Trimmer Potentiometers
logo
Vatronics Technologies ...
3006 VATRONICS-3006 Datasheet
66Kb / 2P
Rectangular Multi-Turn Trimmer Potentiometers
3266 VATRONICS-3266 Datasheet
129Kb / 3P
6mm Square Multi-Turn Trimmer Potentiometers
3269 VATRONICS-3269 Datasheet
39Kb / 1P
6mm Square Multi-Turn Trimmer Potentiometers
3323 VATRONICS-3323 Datasheet
99Kb / 3P
6mm Square Single-Turn Trimmer Potentiometers
3362 VATRONICS-3362 Datasheet
83Kb / 3P
6mm Square Single-Turn Trimmer Potentiometers
3386 VATRONICS-3386 Datasheet
79Kb / 3P
9mm Square Single-Turn Trimmer Potentiometers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com