Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3323V Datasheet(PDF) 1 Page - Vatronics Technologies Limited

Part # 3323V
Description  6mm Square Single-Turn Trimmer Potentiometers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

3323V Datasheet(HTML) 1 Page - Vatronics Technologies Limited

  3323V Datasheet HTML 1Page - Vatronics Technologies Limited 3323V Datasheet HTML 2Page - Vatronics Technologies Limited 3323V Datasheet HTML 3Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3323 Trimmer Potentiometers, Potentiometers,Trimmer Potentiometer, Cemet... Potentiometer, Rotary Carbon Potentiometer with Pull-Push Switch, Carbo
•
3323 6mm Square Single-Turn Trimmer Potentiometers
Vatronics makes 3323P,3323S,3323U,3323W,3323S,3323V
Electrical•Characteristics
Range•of•resistance10
Ω—2MΩ•
Resistance•tolerance ±10%
Terminal•resistance 1%R•or•
≤2Ω
Contact•resistance•variation CRV
≤3%R•or•3Ω
Insulation•resistance Re
≥1GΩ
Withstand voltage 500Vdc
Limit current of moving contact 30mA
Effective electrical travel 70% of total mechanical travel
3323
Vatronics Environmental•Characteristics
Rated•power (250Vmax)0.5W•70••
Temperature•range -55•—•+125•
TCR
±100ppm/•;•±250ppm/•
Temperature•variation
-55•,30min,+125•,30min 5•cycles
∆R≤3%R,•∆(Uab/Uac)≤2%
Collision 390m/s²•4000•cycles
∆R≤2%R
Vibration 10—500HZ•0.75mm,6h
∆R≤2%R,•∆(Uab/Uac)≤3%
Climate•category
∆R≤3%R•Ré≥100MΩ Endurance•at•70•
0.5W•1000h
∆R≤3%R•CRV≤3%R
Mechanical•endurance 200•cycles
∆R≤3%R•CRV≤3%R
Vatronics
Steady•damp—heat
∆R≤3%R•Re≥100MΩ
Physical•Characteristics
Total•mechanical•travel250±10°
Starting•torque
≤35•mN.m
Mark
Resistance•code,•resistance•tolerance
(±10%• no•indication),•lot•No
Standard•package 50pcs/tube
Vatronics Technologies Limited
http://www.vatronics.com sales@vatronics.com
file:///C|/index/3323P.htm (1 / 3) [2003-12-16 17:33:24]


Similar Part No. - 3323V

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3323 KR-3323 Datasheet
81Kb / 3P
KR Electronics part number 3323 is a 1087.5 MHz Bandpass filter
logo
List of Unclassifed Man...
3323 ETC-3323 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3323 HEYCO-3323 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
Christian Bürkert GmbH ...
3323 BURKERT-3323 Datasheet
1Mb / 33P
Electromotive 2/2-way diaphragm valve (ON/OFF)
19.09.2023
3323 BURKERT-3323 Datasheet
2Mb / 35P
Electromotive 2-way diaphragm control valve
18.09.2023
More results

Similar Description - 3323V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVM31G PANASONIC-EVM31G Datasheet
74Kb / 2P
6mm Size Ceramic Trimmer Potentiometers
EVN-D8AA03B15 PANASONIC-EVN-D8AA03B15 Datasheet
152Kb / 3P
6FE Square Trimmer Potentiometers
EVN-D8AA03B13 PANASONIC-EVN-D8AA03B13 Datasheet
152Kb / 3P
6FE Square Trimmer Potentiometers
EVN-DJAA03B24 PANASONIC-EVN-DJAA03B24 Datasheet
162Kb / 3P
6FE Square Trimmer Potentiometers
logo
Vatronics Technologies ...
3266 VATRONICS-3266 Datasheet
129Kb / 3P
6mm Square Multi-Turn Trimmer Potentiometers
3269 VATRONICS-3269 Datasheet
39Kb / 1P
6mm Square Multi-Turn Trimmer Potentiometers
3296 VATRONICS-3296 Datasheet
74Kb / 3P
9mm Square Multi-Turn Trimmer Potentiometers
3329 VATRONICS-3329 Datasheet
62Kb / 2P
Round Single-Turn Trimmer Potentiometers
3362 VATRONICS-3362 Datasheet
83Kb / 3P
6mm Square Single-Turn Trimmer Potentiometers
3386 VATRONICS-3386 Datasheet
79Kb / 3P
9mm Square Single-Turn Trimmer Potentiometers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com