Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3386P Datasheet(PDF) 1 Page - Vatronics Technologies Limited

Part # 3386P
Description  9mm Square Single-Turn Trimmer Potentiometers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

3386P Datasheet(HTML) 1 Page - Vatronics Technologies Limited

  3386P Datasheet HTML 1Page - Vatronics Technologies Limited 3386P Datasheet HTML 2Page - Vatronics Technologies Limited 3386P Datasheet HTML 3Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3386 Trimmer Potentiometers, Potentiometers,Trimmer Potentiometer, Cemet... Potentiometer, Rotary Carbon Potentiometer with Pull-Push Switch, Carbo
•
•
3386 9mm Square Single-Turn Trimmer Potentiometers
Vatronics makes 3386X,3386W,3386P,3386U Series.
Electrical
•Characteristics
Range•of•resistance 100
Ω—2MΩ•
Resistance•tolerance ±10%
Terminal•resistance 1%R•or
≤2Ω•Contact•resistance•variation
CRV
≤3%R•or•3Ω
Insulation•resistance Re
≥1GΩ
Withstand•voltage 500Vdc•
Limit•current•of•moving•contact•30mA
Effective•electrical•travel• •
≥260°
Vatronics Environmental•Characteristics
Rated•power 0.5W(70•)
Temperature•range-55•—+125•
TCR ±100ppm/•;•±250ppm/•
Temperature•variation -55•,30min,+125•,30min
5•cycles
∆R≤2%R,•∆(Uab/Uac)≤1%
Collision 390m/s2•4000•cycles
∆R≤1%R
Vibration
10—500HZ•0.75mm,6h
∆R≤1%R,•∆(Uab/Uac)≤2%
Climate•category
∆R≤3%R•Re≥100MΩ
Endurance•at•70• 0.5W•1000h
∆R≤3%R•CRV≤6%R
Vatronics Mechanical•endurance
200•cycles
∆R≤3%R•CRV≤6%R
Steady•damp—heat
∆R≤3%R•Re≥100MΩ
Physical•Characteristics
Total•mechanical•travel 280±10°
Starting•torque
≤20•mN.m
Mark
Resistance•code,•resistance•tolerance
(±10%• no•indication),•lot•No
Standard•pack 50pcs/tube
Vatronics Technologies Limited
http://www.vatronics.com sales@vatronics.com
file:///C|/index/3386P.htm (1 / 3) [2003-12-16 17:40:01]


Similar Part No. - 3386P

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
3386P DBLECTRO-3386P Datasheet
200Kb / 1P
9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
logo
Bourns Electronic Solut...
3386P-1-100TA BOURNS-3386P-1-100TA Datasheet
168Kb / 3P
3386 - 3/8 ??Square Trimming Potentiometer
3386P-1-100TALF BOURNS-3386P-1-100TALF Datasheet
168Kb / 3P
3386 - 3/8 ??Square Trimming Potentiometer
3386P-1-100TR BOURNS-3386P-1-100TR Datasheet
168Kb / 3P
3386 - 3/8 ??Square Trimming Potentiometer
3386P-1-100TRLF BOURNS-3386P-1-100TRLF Datasheet
168Kb / 3P
3386 - 3/8 ??Square Trimming Potentiometer
More results

Similar Description - 3386P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVM1 PANASONIC-EVM1 Datasheet
164Kb / 3P
4mm Square SMT Trimmer Potentiometers
EVN-D8AA03B15 PANASONIC-EVN-D8AA03B15 Datasheet
152Kb / 3P
6FE Square Trimmer Potentiometers
EVN-D8AA03B13 PANASONIC-EVN-D8AA03B13 Datasheet
152Kb / 3P
6FE Square Trimmer Potentiometers
EVN-DJAA03B24 PANASONIC-EVN-DJAA03B24 Datasheet
162Kb / 3P
6FE Square Trimmer Potentiometers
logo
Vatronics Technologies ...
3266 VATRONICS-3266 Datasheet
129Kb / 3P
6mm Square Multi-Turn Trimmer Potentiometers
3269 VATRONICS-3269 Datasheet
39Kb / 1P
6mm Square Multi-Turn Trimmer Potentiometers
3296 VATRONICS-3296 Datasheet
74Kb / 3P
9mm Square Multi-Turn Trimmer Potentiometers
3323 VATRONICS-3323 Datasheet
99Kb / 3P
6mm Square Single-Turn Trimmer Potentiometers
3329 VATRONICS-3329 Datasheet
62Kb / 2P
Round Single-Turn Trimmer Potentiometers
3362 VATRONICS-3362 Datasheet
83Kb / 3P
6mm Square Single-Turn Trimmer Potentiometers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com