Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCT3030 Datasheet(PDF) 1 Page - Vatronics Technologies Limited

Part # VCT3030
Description  Ceramic Trimmer Capacitors 3mm SMD Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

VCT3030 Datasheet(HTML) 1 Page - Vatronics Technologies Limited

  VCT3030 Datasheet HTML 1Page - Vatronics Technologies Limited VCT3030 Datasheet HTML 2Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ceramic trimmer capacitors, chip SMD 3mm trimmer ceramic capacitors
¡¡
Ceramic Trimmer Capacitors 3mm SMD Type
¡¡
Featrure:
Very compact package type. For reflow soldering use.
Preserved from solvent. Dust-Proof structure.
Low capacitance drift. Optimum for automatic chip mounter due to
their small allowance in the dimensions and no air leakage.
Maximum capacitance can be checked by triangle-cut of rotor.
Operating temperature range: -25¡æ
∼+85¡æ
Rated working voltage: 3pF to 6pF: 50V DC
10pF to 30pF: 110V DC
Dielectric withstanding voltage: 3pF to 6pF: 110V DC
10pF to 30pF: 220V DC
Insulation resistance: 10•M¦¸min. Rotation torque: 10~70g.cm
¡¡
¡¡ ¡¡
Dimensions
Unit: mm
Driver Slot : Ø1.4 x T0.4
General Tolerance: ¡À0.2
COMPONENT
MATERIAL
1.Terminal(hot end)
Phosphor bronze
(Snplating)
2.Rotor
Brass
3.Housing
Liquid crystal polymer
4.Terminal(cold end)
Phosphor bronze
(Snplating)
5.Marking
Example of Solder Printing Pattern
Thickness of printed solder(using metal screen):about 0.15mm
Vatronics How to order
VCT 3 030
1
2 3
1.VCT Stands for Ceramic Trimmer Capacitors
2.Outer diameter of ceramic dielectric
3. Maximum nonimal capacitance
¡¡
Specification
Part No.
Capacitance(pF)
Temperature
Coefficient(ppm/¡æ)
Q Factor
(1MHz, Cmax)(Min.)
Marking color
Min.(+0%)
Max.
VCT3030
1.2
3.0¡À100%
0
NP 0¡À200
300
Black
VCT3060
2.2
6.0¡À100%
0
NP 0¡À60
300
Blue
VCT3100
3.0
10.0¡À100%
0
N 600¡À300
300
None
VCT3200
5.5
20.0¡À100%
0
N 1200¡À500
300
Red
VCT3300
8.0
30.0¡À100%
0
N 1200¡À500
300
Green
¡¡
¡¡ ¡¡
file:///C|/index/ceramiccaps/trimmercap/VCT3.htm (1 / 2) [2003-12-17 15:55:51]


Similar Part No. - VCT3030

ManufacturerPart #DatasheetDescription
logo
Micronas
VCT3801A MICRONAS-VCT3801A Datasheet
2Mb / 172P
Video/Controller/Teletext IC Family
VCT3802A MICRONAS-VCT3802A Datasheet
2Mb / 172P
Video/Controller/Teletext IC Family
VCT3803A MICRONAS-VCT3803A Datasheet
2Mb / 172P
Video/Controller/Teletext IC Family
VCT3804A MICRONAS-VCT3804A Datasheet
2Mb / 172P
Video/Controller/Teletext IC Family
VCT3811A MICRONAS-VCT3811A Datasheet
2Mb / 172P
Video/Controller/Teletext IC Family
More results

Similar Description - VCT3030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
Ceramic Trimmer Capacitors
logo
Suntan Capacitors
TSC3 SUNTAN-TSC3 Datasheet
551Kb / 1P
CERAMIC TRIMMER CAPACITOR - 3MM - SMD
TSC3S SUNTAN-TSC3S Datasheet
300Kb / 1P
CERAMIC TRIMMER CAPACITOR - 3MM - SMD - SPECIAL
TSR-C3305 SUNTAN-TSR-C3305 Datasheet
1Mb / 2P
SMD, Trimmer Potentiometer -3mm- C3305
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
Ceramic Trimmer Capacitors
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
Ceramic Trimmer Capacitors
logo
Kingtronics Internation...
RKT-C3305 KINGTRONICS-RKT-C3305 Datasheet
203Kb / 1P
TRIMMER POTENTIOMETER-3mm SMD
logo
Suntan Capacitors
TSC3 SUNTAN-TSC3_17 Datasheet
241Kb / 1P
CERAMIC TRIMMER CAPACITOR ??3MM ??SMD
TSC3S SUNTAN-TSC3S_17 Datasheet
203Kb / 1P
CERAMIC TRIMMER CAPACITOR ??3MM ??SMD - SPECIAL
TSR-C3305 SUNTAN-TSR-C3305_17 Datasheet
195Kb / 1P
SMD, Trimmer Potentiometer -3mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com