Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFMPPX Datasheet(PDF) 1 Page - Vatronics Technologies Limited

Part # VFMPPX
Description  Film Metallized Polypropylene Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

VFMPPX Datasheet(HTML) 1 Page - Vatronics Technologies Limited

  VFMPPX Datasheet HTML 1Page - Vatronics Technologies Limited VFMPPX Datasheet HTML 2Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
film metallized polypropylene capacitors,x2,capacitors,metallized polypr...ry, KONDENSATORY, ceramiczne, monolity, tantal,elektrolity kondensatory,
¡¡
¡¡
¡¡
VFMPPX Series Film Metallized Polypropylene Capacitors X2
X2 MKP are non-inductively wound with a Metallized Polypropylene film
as
dielectric/electrode, encapsulated in flame retardant plastic case with
epoxy resin. with copper clad steel leads. Box type provides the
identical outer appearance
Very low loss at high frequency, suitable for high current. High insulation
resistance, long life duce to self-heating effect. Withstanding 2.5KV
impulse voltage, As an across-the-line type noise suppression
capacitor, suitable for AC. Ideal for use in Line bypass antenna
coupling, spark killer circuits. Available or EMI filter.
Switching power supply applications. Business machines appliances,
Household appliances
Provides interference suppression, all safety approval.
a ) G = minimum Limit temperature : - 40C
b ) M = maximum Limit temperature : + 100C
c ) F = humidity category : average relative humidity 75%, 95% for 30 days per year, continuously:
85% for the remaining days, occasionally.
Rated voltage
: 280VAC. Capacitance range : 0.0022uF ~ 1uF
Capacitance tolerance : J (5%), K (10%), M (20%)
Withstand voltage
:
4.34.3UR(5s)
Dissipation factor
:
0.3%(20C,10kHz)
Insulation resistance : >=15,000M(CR0.33uF)
>=5,000S
(CR>0.33uF)
Measured at, 60sec 20C
uF
W
H
T
P
d
¡¡
¡¡
unit:mm
0.0022
13.0
11.0
5.0
10.0
0.6
0.0047
13.0
11.0
5.0
10.0
0.6
0.0056
13.0
11.0
5.0
10.0
0.6
0.0068
13.0
11.0
5.0
10.0
0.6
0.0082
13.0
11.0
5.0
10.0
0.6
0.01
18.0
11.0
5.0
10.0
0.6
0.01
18.0
11.0
5.0
15.0
0.8
0.012
18.0
11.0
5.0
15.0
0.8
uF
W
H
T
P
d
file:///C|/index/VFMPPX.htm (1 / 2) [2003-12-22 9:45:01]


Similar Part No. - VFMPPX

ManufacturerPart #DatasheetDescription
logo
Vatronics Technologies ...
VFMP VATRONICS-VFMP Datasheet
80Kb / 2P
Film Metallized Polyester Capacitors
More results

Similar Description - VFMPPX

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
Metallized Polypropylene Film Capacitors
19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com