Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFP Datasheet(PDF) 1 Page - Vatronics Technologies Limited

Part # VFP
Description  Film Polyester Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

VFP Datasheet(HTML) 1 Page - Vatronics Technologies Limited

  VFP Datasheet HTML 1Page - Vatronics Technologies Limited VFP Datasheet HTML 2Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
film polyester capacitors,mylar, polyeter capacitors,film capacitors,polyeter capacitor,film capacitor
¡¡
¡¡
¡¡
VFP Series Film Polyester Capacitors
HIGH MOISTURE RESISTANCE, GOOD
SOLDERABILITY, AVAILABLE ON TAPE&REEL,
LOW ESR,MINI SIZE
1. OPERATING TEMPERATURE
- 40C~ + 85C
2. CAPACITANCE RANGE
0.001~ 0.47uF
3. CAPACITANCE TOLERANCE
5%, 10%, 20%
4. RATED VOLTAGE
50/100VDC, 200VDC, 400VDC
5. DISSIPATION FACTOR
0.75%MAX AT 1KHz,25C
6. INSULATION RESISTANCE
> 50,000MAT 25C
¡¡Unit:mm
RV
50/100 VDC
200 VDC
400 VDC
uF
W
H
T
P
W
H
T
P
W
H
T
P
0.001
5.8
10.5
3.5
4.0
7.0
11.0
4.0
4.0
8.0
12.0
4.0
4.0
0.0012
5.8
10.5
3.5
4.0
7.0
11.0
4.0
4.0
8.0
12.0
4.0
4.0
0.0015
5.8
10.5
3.5
4.0
7.0
11.0
4.0
4.0
8.0
12.0
4.0
4.0
0.0018
5.8
10.5
3.5
4.0
7.0
11.0
4.0
4.0
8.0
12.0
4.0
4.0
0.0022
5.8
10.5
3.5
4.0
7.0
11.0
4.0
4.0
9.0
12.0
5.0
4.0
0.0027
5.8
10.5
3.5
4.0
7.0
11.0
4.0
4.0
9.0
12.0
5.0
4.0
0.0033
5.8
10.5
3.5
4.0
7.0
11.0
4.0
4.0
9.0
12.0
5.0
4.0
0.0039
6.0
10.5
3.5
4.0
7.0
11.0
4.0
4.0
9.0
12.0
5.0
4.0
0.0047
6.5
10.5
3.5
4.0
7.0
11.0
4.0
4.0
9.0
12.0
6.0
4.0
0.0056
6.5
10.5
3.5
4.0
7.0
11.0
4.0
4.0
10.0
12.0
6.0
4.0
0.0068
6.5
10.5
3.5
4.0
7.0
11.0
4.0
4.0
10.0
12.0
6.0
4.0
0.0082
6.5
10.5
4.0
4.0
7.0
11.0
4.5
4.0
10.0
12.0
6.0
4.0
0.01
6.5
10.5
4.0
4.0
7.0
11.0
4.5
4.0
10.0
14.0
6.0
5.0
0.012
6.5
10.5
4.0
4.0
7.0
11.0
4.5
4.0
10.0
14.0
6.0
5.0
0.015
7.5
10.5
4.0
4.0
9.0
13.0
5.0
4.0
10.0
14.0
6.0
5.0
0.018
7.5
10.5
4.0
4.0
9.0
13.0
5.0
4.0
10.0
14.0
6.0
6.0
0.022
7.8
10.5
4.5
4.0
9.0
13.0
5.0
4.0
10.0
14.0
6.0
6.0
0.027
7.8
12.0
4.5
5.0
9.0
13.0
5.5
5.0
10.0
14.0
6.0
6.0
file:///C|/index/VFP.htm (1 / 2) [2003-12-22 9:39:35]


Similar Part No. - VFP

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
VFP-12HU FUJITSU-VFP-12HU Datasheet
184Kb / 9P
1 POLE - 20/25/30A - Heavy power control
VFP-12LU FUJITSU-VFP-12LU Datasheet
184Kb / 9P
1 POLE - 20/25/30A - Heavy power control
VFP-12MU FUJITSU-VFP-12MU Datasheet
184Kb / 9P
1 POLE - 20/25/30A - Heavy power control
VFP-18HU FUJITSU-VFP-18HU Datasheet
184Kb / 9P
1 POLE - 20/25/30A - Heavy power control
VFP-18LU FUJITSU-VFP-18LU Datasheet
184Kb / 9P
1 POLE - 20/25/30A - Heavy power control
More results

Similar Description - VFP

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D Datasheet
71Kb / 3P
POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
DMM1P15K-F ETC2-DMM1P15K-F Datasheet
205Kb / 2P
Polyester Film Capacitors
DMMAAS47K-F ETC2-DMMAAS47K-F Datasheet
184Kb / 2P
Polyester Film Capacitors
DMT1D1K-F ETC2-DMT1D1K-F Datasheet
375Kb / 3P
Polyester Film Capacitors
logo
Cornell Dubilier Electr...
MMP1P15K-F CDE-MMP1P15K-F Datasheet
207Kb / 2P
Polyester Film Capacitors
WMF05S82K-F CDE-WMF05S82K-F Datasheet
185Kb / 2P
Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
PEI MERITEK-PEI Datasheet
122Kb / 1P
Polyester Film Capacitors
PEN MERITEK-PEN Datasheet
106Kb / 1P
Polyester Film Capacitors
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D_15 Datasheet
188Kb / 2P
POLYESTER FILM CAPACITORS
logo
Cornell Dubilier Electr...
WMF CDE-WMF_18 Datasheet
270Kb / 4P
Polyester Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com