Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSS Datasheet(PDF) 1 Page - Vatronics Technologies Limited

Part # VSS
Description  Safety Standard Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

VSS Datasheet(HTML) 1 Page - Vatronics Technologies Limited

  VSS Datasheet HTML 1Page - Vatronics Technologies Limited VSS Datasheet HTML 2Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Safety Standard Capacitors,Y capacitors,Capacitivos, Condensatori, Tantalio C...atori, ceramici, multistrato, Kondenzatorji, tantal kondenzatorji, keramini,
¡¡
¡¡
VSS Series Safety Standard Capacitors Y
For use in ciruit where alternating, pulsating, intermittent and steady high voltage
exist.There Ceramic Disc Capacitor are specifically designed for AC applications
and meet the safety requirements of various safety standards agencies.
These capacitoers are ideal for across the line and line by-pass applications.Ideal
for across the line applictions
Compact size Cost effective product
Safety standards recognized for AC applications
Dimensions and Tolerance
B=3.0mm max d=0.60mm+/-0.05mm F=5.00 or 6.35 or 7.5 or 9.5+/-1.0 mm
L=5~25mm
According as customer's request and size.
¡¡
GENERAL SPECIFICATIONS
Operating temperature range:
-25 to 85c
Capacitance range:
100pF to 10000pF
Capacitance tolerance:
K=10%, M=20%
Rated voltage:
125, 250 and 400 VAC. Please refer to table for approval file number.
Temperature coefficient:
10% for B(Y5P), +30 to -80% for F(Y5V)
Dissipation factor(tan ):
Y5P:2.5%max. at 25C and 1KHz, 1+/-0.2Vrms.
Y5V:5.0%max. at 25C and 1KHz, 1+/-0.2Vrms.
Insulation resistance at 25C:
10000M¦¸ at 500VDC for 1 minute.
Dielectric strength:
1500 VAC for 60 seconds-AC 125, AC250V
2600 VAC for 60 seconds-AC 400V
¡¡
file:///C|/index/VS.htm (1 / 2) [2003-12-17 13:32:52]


Similar Part No. - VSS

ManufacturerPart #DatasheetDescription
logo
Surge Components
VSS SURGE-VSS Datasheet
498Kb / 1P
rohs compliance
logo
Vectron International, ...
VSS4 VECTRON-VSS4 Datasheet
123Kb / 6P
3.3 Volt Spread Spectrum CMOS Oscillator
VSS4-B1A-25M00 VECTRON-VSS4-B1A-25M00 Datasheet
123Kb / 6P
3.3 Volt Spread Spectrum CMOS Oscillator
VSS4-B1B-25M00 VECTRON-VSS4-B1B-25M00 Datasheet
123Kb / 6P
3.3 Volt Spread Spectrum CMOS Oscillator
VSS4-B1C-25M00 VECTRON-VSS4-B1C-25M00 Datasheet
123Kb / 6P
3.3 Volt Spread Spectrum CMOS Oscillator
More results

Similar Description - VSS

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE1E3KX222MN5AA01 MURATA-DE1E3KX222MN5AA01 Datasheet
35Kb / 1P
Safety Standard Certified Ceramic Capacitors
DE1E3KX332MA4BL01 MURATA-DE1E3KX332MA4BL01 Datasheet
35Kb / 1P
Safety Standard Certified Ceramic Capacitors
DE2B3KY471KA2BM01 MURATA-DE2B3KY471KA2BM01 Datasheet
35Kb / 1P
Safety Standard Certified Ceramic Capacitors
DE2F3KH103MA3B MURATA-DE2F3KH103MA3B Datasheet
35Kb / 1P
Safety Standard Certified Ceramic Capacitors
DE1B3KX151KB5B MURATA-DE1B3KX151KB5B Datasheet
35Kb / 1P
Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA4BL01 MURATA-DE1E3KX102MA4BL01 Datasheet
35Kb / 1P
Safety Standard Certified Ceramic Capacitors
294931 MURATA-294931 Datasheet
181Kb / 10P
Safety Standard Recognized Ceramic Capacitors
DE1E3KX102MA5BA01 MURATA-DE1E3KX102MA5BA01 Datasheet
35Kb / 1P
Safety Standard Certified Ceramic Capacitors
DE2E3KH152MA3B MURATA-DE2E3KH152MA3B Datasheet
35Kb / 1P
Safety Standard Certified Ceramic Capacitors
DE2B3KH101KA3B MURATA-DE2B3KH101KA3B Datasheet
35Kb / 1P
Safety Standard Certified Ceramic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com