Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VTS Datasheet(PDF) 4 Page - Vatronics Technologies Limited

Part # VTS
Description  SMD Tantalum Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

VTS Datasheet(HTML) 4 Page - Vatronics Technologies Limited

  VTS Datasheet HTML 1Page - Vatronics Technologies Limited VTS Datasheet HTML 2Page - Vatronics Technologies Limited VTS Datasheet HTML 3Page - Vatronics Technologies Limited VTS Datasheet HTML 4Page - Vatronics Technologies Limited VTS Datasheet HTML 5Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
tantalum capacitors,tantalum capacitor,chip tantalum capacitors,chip tantalu...smd tantalum capacitor,capacitors,capacitor,tantalum capacitors manufacturer
Case size
W
Qty. per reel
A B
+1.5
8.4 –0.00
2000
C D
+2.00 12.4 -0.00
500
E
+2.00 12.4 -0.00
400
S
+2.00 12.4 -0.00
2500
Vatronics Capacitor markings•
Direct designation is used for case sizes B•C•D•E while code designation is used for case size A and S.
Rated Voltage Code
Rated Voltage•V•
4
6•3
10
16
20
25
35
50
Volatge Code
G
J
A
C
D
E
V
H
Capacitance•uF•
1
1.5
2.2
3.3
4.7
6.8
Capacitance
Code
A
E
J
N
S
W
Multiplier
104
105
106
107
Second digit
4
5
6
7
Exp•A6C: A represents nominal capacitance code, the second digit represents multiplier and the third digit represents
rated voltage, that is : voltage 16V;Capacitance 1×106pF;16V1uF
Vatronics CHARACTERISTIC CURVE:
file:///C|/index/VTS.htm (4 / 5) [2003-12-20 11:47:30]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com