Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WXD3-13 Datasheet(PDF) 1 Page - Vatronics Technologies Limited

Part # WXD3-13
Description  Wire wound Potentiometers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

WXD3-13 Datasheet(HTML) 1 Page - Vatronics Technologies Limited

  WXD3-13 Datasheet HTML 1Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Vatronics WXD3-13 Wire wound Potentiometers
Datasheet
Vatronics Standard resistance
range 47Ω-56KΩ
Tolerance of Resistance +/-
2%,+/-5%,+/-10%
Angle of Rotation 3600+/-20
Voltage rating 160V
Torque 3.5-100mN.m
Power Rating 3W(85C)0W
(125)
Vatronics Technologies Limited
http://www.vatronics.com sales@vatronics.com
页码,1/1
WXD3-13 Wire would Potentiometers,Trimmer Potentiometers,ceremt tri...
2007-9-5
file://E:\htdocs\WXD3-13WireWoundPotentiometer.htm


Similar Part No. - WXD3-13

ManufacturerPart #DatasheetDescription
logo
Vatronics Technologies ...
WXD3-12 VATRONICS-WXD3-12 Datasheet
133Kb / 1P
Wire wound Potentiometers
More results

Similar Description - WXD3-13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WI20C182J1U ETC2-WI20C182J1U Datasheet
929Kb / 6P
WIRE WOUND INDUCTORS
logo
Pulse A Technitrol Comp...
PA2050.582NL PULSE-PA2050.582NL Datasheet
537Kb / 3P
Wire Wound
PA2729.502NL PULSE-PA2729.502NL Datasheet
503Kb / 2P
Wire Wound
logo
Superworld Electronics
SDI453226 SUPERWORLD-SDI453226_15 Datasheet
202Kb / 5P
Wire Wound Inductor
SCI1008LP SUPERWORLD-SCI1008LP_15 Datasheet
225Kb / 4P
Wire Wound Inductor
WI453232 SUPERWORLD-WI453232_15 Datasheet
263Kb / 5P
Wire Wound Inductor
WI565050 SUPERWORLD-WI565050_15 Datasheet
253Kb / 5P
Wire Wound Inductor
logo
Vatronics Technologies ...
WXD3-12 VATRONICS-WXD3-12 Datasheet
133Kb / 1P
Wire wound Potentiometers
logo
Pulse A Technitrol Comp...
0805 PULSE-0805 Datasheet
1Mb / 6P
Wire Wound
1008 PULSE-1008 Datasheet
1Mb / 5P
Wire Wound
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com