Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1337 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A1337
Description  Precision, Hall-Effect Angle Sensor IC with SPI, and SENT or PWM Outputs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1337 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A1337 Datasheet HTML 4Page - Allegro MicroSystems A1337 Datasheet HTML 5Page - Allegro MicroSystems A1337 Datasheet HTML 6Page - Allegro MicroSystems A1337 Datasheet HTML 7Page - Allegro MicroSystems A1337 Datasheet HTML 8Page - Allegro MicroSystems A1337 Datasheet HTML 9Page - Allegro MicroSystems A1337 Datasheet HTML 10Page - Allegro MicroSystems A1337 Datasheet HTML 11Page - Allegro MicroSystems A1337 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Precision, Hall-Effect Angle Sensor IC
with SPI, and SENT or PWM Outputs
A1337
8
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ. [1]
Max.
Unit[2]
PWM INTERFACE SPECIFICATIONS (A1337LLETR-P-DD-T and A1337LLETR-P-T variants only)
PWM Carrier Frequency
fPWM
PWM Frequency Code = 00
122
Hz
PWM Frequency Code = 01
1.024
kHz
PWM Frequency Code = 10
2.048
kHz
PWM Duty Cycle Minimum
DPWM(min)
5
%
PWM Duty Cycle Maximum
DPWM(max)
95
%
PWM Output Signal [7]
VPWM(L)
5 kΩ ≤ Rpullup ≤ 50 kΩ
0.2
V
2 kΩ ≤ Rpullup < 5 kΩ
0.4
V
VPWM(H)
Minimum Rpullup = 2 kΩ
0.9 × VS
V
Maximum Rpullup = 50 kΩ
0.7 × VS
V
Maximum Sink Current
ILIMIT
Output FET on, TA = 25°C
30
mA
PWM Carrier Frequency Tolerance [7]
Deviation from expected fPWM
–10
10
%
PWM Resolution
12-bit angle value
0.022
%DC/LSB
PWM Frequency Jitter
fPWM(JITTER)
1σ, TA = 25°C, fPWM = 2 kHz
0.18
Hz
1σ, TA = 25°C, fPWM = 1 kHz
0.11
Hz
1σ, TA = 25°C, fPWM = 124 Hz
0.01
Hz
PWM Duty Cycle Jitter
DPWM(JITTER)
3σ, 300 G, TA = 25°C, no AVG
0.095
%DC
3σ, 300 G, fPWM = 2 kHz, AVG = 0x4 or greater
0.095
%DC
3σ, 300 G, fPWM = 1 kHz, AVG = 0x5 or greater
0.03
%DC
3σ, 300 G, fPWM = 124 Hz, AVG = 0x7
0.027
%DC
PWM Thermal Duty Cycle Drift [7]
DPWM(THDRIFT) Change in duty cycle from 25°C to 150°C; 300 G
–0.35
0.35
%DC
SENT PROTOCOL SPECIFICATIONS (A1337LLETR-DD-T and A1337LLETR-T variants only)
SENT Message Duration
tSENT
Tick time = 3 µs
1
ms
Minimum Programmable SENT
Message Duration
tSENTMIN
Tick time = 0.5 µs, 3 data nibbles, SCN, and CRC,
nibble length = 27 ticks
96
µs
SENT Output Signal
VSENT(L)
5 kΩ ≤ Rpullup ≤ 50 kΩ
0.2
V
2 kΩ ≤ Rpullup < 5 kΩ
0.4
V
VSENT(H)
Minimum Rpullup = 2 kΩ
0.9 × VS
V
Maximum Rpullup = 50 kΩ
0.7 × VS
V
SENT Output Trigger Signal
VSENTtrig(L)
1.4
V
VSENTtrig(H)
2.8
V
Minimum Time Frame for SENT
Trigger Signal
tSENTMIN
Tick time = 0.5 µs, 3 data nibbles, SCN, and CRC,
nibble length = 27 ticks
2
µs
Triggered Delay Time
tdSENT
From end of trigger pulse to beginning of SENT
message frame.
TSENT (SENT_MODE 3 and SENT_MODE 4)
7
tick
Maximum Sink Current
ILIMIT
Output FET on, TA = 25°C
30
mA
Continued on the next page…
OPERATING CHARACTERISTICS (continued): Valid over the full operating voltage and ambient temperature ranges,
unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com