Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW9656 Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW9656
Description  6-Channel 1X/2X Adaptive Charge Pump White LED Driver with 1-Wire Brightness Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9656 Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW9656 Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW9656 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW9656 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW9656 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW9656 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW9656 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW9656 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW9656 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW9656 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AW9656
March 2018 V1.1
www.awinic.com.cn
4
Copyright © 2018 SHANGHAI AWINIC TECHNOLOGY CO., LTD
ELECTRICAL CHARACTERISTICS
Test Condition: TA=25
℃, V IN=3.6V, EN=1 (Unless otherwise specified)
Parameter
Conditions
Min
Typ.
Max
Units
SUPPLY VOLTAGE AND CURRENT
VIN
Input voltage range
ILED=15mA, 6 LEDs
2.7
5.5
V
ILED=25mA, 6 LEDs
3.3
5.5
ISD
Shutdown current
EN=0
0.1
1
μA
IQ
Operating quiescent current
VIN=4.2V, 1X mode, EN=1,
ISET=0
μA
280
μA
IOUT=0mA, 2X mode
2
mA
CHARGE PUMP STAGE
VOUT
Output over voltage protection
VIN=4.2V, all LEDs uncon-
nected
4.80
V
Startup time
COUT=1μF,IDX≥0.9×IDX_SET
180
μs
Soft start duration
μs
f
Switching frequency
0.6
1.0
1.4
MHz
η
Efficiency
VIN=3.7V, VLED=3.2V,
ILED=20mA
86.4
%
Thermal shutdown threshold
150
℃
Thermal shutdown hysteresis
24
℃
Input current limit
560
mA
Output short-to-GND current
limit
75
mA
CURRENT SINK
IDX
Current into each current sink
when ISET pin is shorted to
GND
3.0V<VIN<5.5V
70
mA
Current matching between
any two outputs
VLED=3.2V, TA=25℃
0.5
%
VISET
Reference voltage for current
set
570
600
630
mV
ILED
Setting LED currentt
RISET=7.8 kΩ
18
20
22
mA
RISET=15.6 kΩ
9
10
11
mA
ILED_ACC
LED current accuracy
RISET=7.8 kΩ
2
10
%
VDX_NOM
Voltage at DX to GND
ILED=20mA
400
mV
VGEAR
1X to 2X mode transition
threshold voltage at DX to
GND
ILED=20mA
210
mV
VHYS
1X mode transition threshold
450
mV
ENABLE
VIH
Low input threshold
1.3
V
VIL
High input threshold
0.3
V
REN
Internal pull-down resistor
200
K
Ω
TLO
EN low time for dimming
0.5
500
μs
THI_MIN
Minimum EN high time for
0.5
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com