Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW9962 Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW9962
Description  White LED Driver with PWM Brightness Control in Small Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9962 Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW9962 Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW9962 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW9962 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW9962 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW9962 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW9962 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW9962 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW9962 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW9962 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AW9962
Jun 2018
V1.3
www.awinic.com.cn
4
Copyright © 2017 SHANGHAI AWINIC TECHNOLOGY CO., LTD
TYPICAL APPLICATION CIRCUITS
20mA
CTRL
SW
FB
VIN
ON/OFF
DIMMING CONTROL
VIN
CIN1
10μF
COUT1
1μF/50V
Schottky Diode
D1
D2
D10
AW9962DNR
RSET
10
Ω
COMP
GND
1
4
6
5
2
3,7
CIN2
*
optional
100nF
D3
D4
D5
D6
D7
D8
D9
CCOMP
47nF
L
10μH
COUT2
33pF/50V
*
optional
Figure 4
Typical Application of AW9962
CTRL
SW
FB
VIN
ON/OFF
DIMMING CONTROL
VIN
CIN1
10μF
COUT1
1μF/50V
L
10μH
Schottky Diode
3p6s
AW9962DNR
RSET
3.3
Ω
COMP
CCOMP
47nF
GND
1
4
6
5
2
3,7
CIN2
*
optional
100nF
60mA
COUT2
33pF/50V
*
optional
Figure 5
Drive 18 White LEDs for Large Screen Display
Notice for Typical Application Circuits:
1:Recommended device for AW9962:
L: LQH3NPN100NM0
CIN1: Murata GRM188R61C106MA73
CIN2: Murata GRM155R61C104K
COUT1: Murata GRM21BR71H105KA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com