Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW32809CSR Datasheet(PDF) 13 Page - Shanghai awinic technology co.,ltd

Part # AW32809CSR
Description  Over-Voltage Protection Load Switch with Surge Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW32809CSR Datasheet(HTML) 13 Page - Shanghai awinic technology co.,ltd

Back Button AW32809CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 16Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 17Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AW32801/AW32805/
AW32809/AW32812
Feb. 2018 V1.1
www.awinic.com.cn
13
Copyright © 2014 SHANGHAI AWINIC TECHNOLOGY CO., LTD
PCB LAYOUT CONSIDERATION
To make full use of the performance of AW328XX, the guidelines below should be followed.
1.
All the peripherals should be placed as close to the device as possible. Place the input capacitor CIN on
the top layer (same layer as the AW328XX) and close to IN pin, and place the output capacitor COUT on
the top layer (same layer as the AW328XX) and close to OUT pin.
2.
Red bold paths on figure 4 and 5 are power lines that will flow large current, please route them on PCB as
straight, wide and short as possible.
3.
If R1 and R2 are used, route OVLO line on PCB as short as possible to reduce parasitic capacitance.
4.
The power trace from USB connector to AW328XX may suffer from ESD event, keep other traces away
from it to minimize possible EMI and ESD coupling.
5.
Use rounded corners on the power trace from USB connector to AW328XX to decrease EMI coupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com