Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A19350LUBATN-RBM-A Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # A19350LUBATN-RBM-A
Description  High Accuracy GMR Wheel Speed and Direction Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19350LUBATN-RBM-A Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button A19350LUBATN-RBM-A Datasheet HTML 6Page - Allegro MicroSystems A19350LUBATN-RBM-A Datasheet HTML 7Page - Allegro MicroSystems A19350LUBATN-RBM-A Datasheet HTML 8Page - Allegro MicroSystems A19350LUBATN-RBM-A Datasheet HTML 9Page - Allegro MicroSystems A19350LUBATN-RBM-A Datasheet HTML 10Page - Allegro MicroSystems A19350LUBATN-RBM-A Datasheet HTML 11Page - Allegro MicroSystems A19350LUBATN-RBM-A Datasheet HTML 12Page - Allegro MicroSystems A19350LUBATN-RBM-A Datasheet HTML 13Page - Allegro MicroSystems A19350LUBATN-RBM-A Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
High Accuracy GMR Wheel Speed and Direction Sensor IC
A19350
13
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Figure 15: Package UB, 2-Pin SIP
PACKAGE OUTLINE DRAWING
For Reference Only – Not for Tooling Use
(Reference DWG-0000408, Rev. 3)
Dimensions in millimeters – NOT TO SCALE
Dimensions exclusive of moldflash, gate burs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
Mold Ejector
Pin Indent
A
B
C
D
E
F
Dambar removal protrusion (8×)
Gate and tie burr area
GMR elements (E1, E2, E3, and E4); not to scale
Molded Lead Bar for preventing damage to leads during shipment
Active Area Depth, 0.38 ±0.03 mm
Branding scale and appearance at supplier discretion
0.25 REF
0.30 REF
4 × 2.50 ±0.10
4 × 7.37 REF
4 × 0.85 REF
0.38 REF
0.25 REF
45°
0.85 ±0.05
0.85 ±0.05
2
1
B
4×10°
A
Branded
Face
0.25 +0.07
–0.03
0.42 ±0.05
4.00
4.00
4.00
1.00 ±0.05
1.80 ±0.10
2.54 REF
12.20 ±0.10
1.80
1.50 ±0.05
1.50 ±0.05
C
F
E1
E4
E3
0.56
0.56
E
E
E
1.02
1.39
D
Line 1: 5 characters
Lines 2, 3: 5 characters
Line 1: Part Number
Line 2: 4-digit date code
Line 3: Characters 5, 6, 7, 8 of
Assembly Lot Number
Exception allowed for parts with
multiple package variants:
Line 1: Last 4 digits of part number plus
Package Variant
Standard Branding Reference View
Date Code
Lot Number
XXXXX
0.84
E2
E
+0.06
–0.05
+0.06
–0.05
+0.06
–0.07
18.00 ±0.10
+0.06
–0.07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com