Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELIO20WESA Datasheet(PDF) 2 Page - SOURIAU-SUNBANK Connection Technologies

Part # ELIO20WESA
Description  Robust Multiways Singlemode Connection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

ELIO20WESA Datasheet(HTML) 2 Page - SOURIAU-SUNBANK Connection Technologies

  ELIO20WESA Datasheet HTML 1Page - SOURIAU-SUNBANK Connection Technologies ELIO20WESA Datasheet HTML 2Page - SOURIAU-SUNBANK Connection Technologies ELIO20WESA Datasheet HTML 3Page - SOURIAU-SUNBANK Connection Technologies ELIO20WESA Datasheet HTML 4Page - SOURIAU-SUNBANK Connection Technologies ELIO20WESA Datasheet HTML 5Page - SOURIAU-SUNBANK Connection Technologies ELIO20WESA Datasheet HTML 6Page - SOURIAU-SUNBANK Connection Technologies ELIO20WESA Datasheet HTML 7Page - SOURIAU-SUNBANK Connection Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
38999 Series III | ELIO® Singlemode Fiber Optic
EN4531
ABS1379
ARINC 801
ELIO® singlemode
contacts
• Robust spring-loaded butt-joint optical contact
using ST style ferrule (diameter 2.5mm)
• Contact size equivalent to a #16 contact
• Anti-rotation of the contact for better vibration
withstanding and optical performance
• Boot-grommet for rear sealing and protection
of the cable against excessive bending
• Compatibility with loose and tight structure
cables
• High level optical performance even after aging
• Bayonet locking system: no tool needed for
mounting/dismounting
• Compatible with singlemode, multimode and
POF cable
Technical features
Mechanical
• Endurance:
Minimum 500 mating/unmating operations
• Shock:
300 g, 3 ms as per EN 2591-6402
method A
• Vibration:
In MIL-DTL-38999 Series III/EN3645
connectors:
- Sine 5Hz to 3000Hz as per EN2591-6403
method A
- Random as per EN2591-6403 method B
• Cable cyclic flexing:
100 cycles, load 40N as per EN2591-609
• Cable pulling: 111N
• Cable torsion:
100 cycles, load 40N as per EN2591-611
Environmental
• Salt spray:
See the connector standard
• Temperature range:
- 65°C to +125°C (1000 hours)
• Rapid temperature change:
10 cycles - 65°C / +150°C (30min/30min)
• Air leakage:
Max leakage 16 cm3/h, 2 hours,
40kPa differential pressure
• Damp heat and low temperature:
5 cycles of 48h -65°C/+70°C with stage at
40°C with 95% of humidity as per
EN2591- 6303 method A
Optical
• Singlemode contact - Insertion Loss (IL):
0.3dB typical
< 0.5dB over 95% of the samples as per
EN2591-601,
< 0.9dB maximum on 100% of the
samples after tests
• Singlemode contact - Return Loss (RL):
> 55dB typical and > 50dB mininum
Resistance to fluids as per
MIL-DTL-38999/EN3645
standard
• Fuel: JP5
• Mineral Hydraulic fluid:
MIL-PRF-5606 ( NATO H-515)
• Synthetic hydraulic fluid:
AS1241 (Skydrol 500B4, LD4)
• Mineral lubricant:
MIL-PRF-7870 (NATO O-142)
• Synthetic lubricant:
MIL-PRF-23699 (NATO O-156),
MIL-PRF-7808 ( NATO O-148)
• Cleaning fluid:
MIL-PRF-87937 diluted, Propanol,
white spirit, Azeotrope R113 + Methanol
• De-icing fluid:
AMS 1424 ( NATO S-742)
• Extinguishing fluid:
Chlorobromethane
• Cooling fluid:
Coolanol



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com