Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18T2/50 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # 18T2/50
Description  18 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

18T2/50 Datasheet(HTML) 1 Page - Satco Products, Inc.

  18T2/50 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S7226
18T2/50
18 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI;
Medium base; 120 volts
Features
Self-ballasted Spiral CFL
Uses 75% less energy than equivalent incandescent lamps
Long Life
Instant On
S7226
Item Number
UPC
Voltage
Watts
Incandescent Equivalent
Lamp Shape
Base
ANSI Base
S7226
045923072260
120
18
75W
T2
Medium
E26
Lamp Code
MOL In Inches MOD In Inches
Initial Lumens
Average Rated
Hours
Kelvin Temp
Color
Pack
18T2/50
4.52''
2.13''
1200
10000
5000
Natural Light
48/12
Package Type
CRI
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
Box
82
Lawful for sale in
California
1.6 mg
Yes
Yes
2 Year Limited


Similar Part No. - 18T2/50

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
18T2/50 SATCO-18T2/50 Datasheet
129Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts; 3-pack
18T2/50 SATCO-18T2/50 Datasheet
126Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
18T2/50 SATCO-18T2/50 Datasheet
138Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts; 3-pack
18T2/50/230V SATCO-18T2/50/230V Datasheet
125Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 230 volts
More results

Similar Description - 18T2/50

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S5518 SATCO-S5518 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S5521 SATCO-S5521 Datasheet
125Kb / 1P
15 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S5525 SATCO-S5525 Datasheet
126Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S5532 SATCO-S5532 Datasheet
125Kb / 1P
26 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S7216 SATCO-S7216 Datasheet
133Kb / 1P
11 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S7223 SATCO-S7223 Datasheet
124Kb / 1P
15 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S7229 SATCO-S7229 Datasheet
125Kb / 1P
23 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S7233 SATCO-S7233 Datasheet
125Kb / 1P
26 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S7236 SATCO-S7236 Datasheet
125Kb / 1P
20 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S7263 SATCO-S7263 Datasheet
125Kb / 1P
5 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com