Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20T2/50 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # 20T2/50
Description  20 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

20T2/50 Datasheet(HTML) 1 Page - Satco Products, Inc.

  20T2/50 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S7236
20T2/50
20 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI;
Medium base; 120 volts
Features
Self-ballasted Spiral CFL
Uses 75% less energy than equivalent incandescent lamps
Long Life
Instant On
S7236
Item Number
UPC
Voltage
Watts
Incandescent Equivalent
Lamp Shape
Base
ANSI Base
S7236
045923072369
120
20
75W
T2
Medium
E26
Lamp Code
MOL In Inches MOD In Inches
Initial Lumens
Average Rated
Hours
Kelvin Temp
Color
Pack
20T2/50
4.41''
2.13''
1300
10000
5000
Natural Light
48/12
CRI
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
82
Lawful for sale in California
1.6 mg
Yes
Yes
2 Year Limited


Similar Part No. - 20T2/50

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
20T2/27 SATCO-20T2/27 Datasheet
124Kb / 1P
20 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
20T2/27 SATCO-20T2/27 Datasheet
125Kb / 1P
20 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
20T2/41 SATCO-20T2/41 Datasheet
125Kb / 1P
20 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
20T2/E26/2700K/120V/12PK SATCO-20T2/E26/2700K/120V/12PK Datasheet
128Kb / 1P
20 watt; Mini Spiral Compact Fluorescent; 2700K; 80 CRI; Medium base; 120 volts; 12-pack
More results

Similar Description - 20T2/50

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S5518 SATCO-S5518 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S5521 SATCO-S5521 Datasheet
125Kb / 1P
15 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S5525 SATCO-S5525 Datasheet
126Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S5532 SATCO-S5532 Datasheet
125Kb / 1P
26 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S7216 SATCO-S7216 Datasheet
133Kb / 1P
11 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S7223 SATCO-S7223 Datasheet
124Kb / 1P
15 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S7226 SATCO-S7226 Datasheet
125Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S7229 SATCO-S7229 Datasheet
125Kb / 1P
23 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S7233 SATCO-S7233 Datasheet
125Kb / 1P
26 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S7263 SATCO-S7263 Datasheet
125Kb / 1P
5 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com